Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9554PS Datasheet(PDF) 85 Page - NXP Semiconductors

Part # TDA9554PS
Description  TV signal processor-Teletext decoder with embedded m-Controller
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9554PS Datasheet(HTML) 85 Page - NXP Semiconductors

Back Button TDA9554PS Datasheet HTML 81Page - NXP Semiconductors TDA9554PS Datasheet HTML 82Page - NXP Semiconductors TDA9554PS Datasheet HTML 83Page - NXP Semiconductors TDA9554PS Datasheet HTML 84Page - NXP Semiconductors TDA9554PS Datasheet HTML 85Page - NXP Semiconductors TDA9554PS Datasheet HTML 86Page - NXP Semiconductors TDA9554PS Datasheet HTML 87Page - NXP Semiconductors TDA9554PS Datasheet HTML 88Page - NXP Semiconductors TDA9554PS Datasheet HTML 89Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 125 page
background image
2000 Jun 22
85
Philips Semiconductors
Tentative Device Specification
TV signal processor-Teletext decoder with
embedded
µ-Controller
TDA955X/6X/8X PS/N1 series
QSS Sound IF circuit
SOUND IF AMPLIFIER
input sensitivity (RMS value)
Q.1.1
FM mode (
−3 dB)
−
30
70
µV
Q.1.2
AM mode (
−3 dB)
−
60
100
µV
maximum input signal
(RMS value)
Q.1.3
FM mode
50
70
−
mV
Q.1.4
AM mode
80
140
−
mV
Q.1.5
input resistance (differential)
note 3
−
2
−
k
Ω
Q.1.6
input capacitance (differential)
note 3
−
3
−
pF
Q.1.7
gain control range
64
−−
dB
Q.1.8
crosstalk attenuation between
SIF and VIF input
50
−−
dB
SOUND IF INTERCARRIER OUTPUT; WITH AM=0
Q.2.1
output signal amplitude (RMS
value)
SC-1; sound carrier 2 off
75
100
125
mV
Q.2.2
bandwidth (-3 dB)
7.5
9
−
MHz
Q.2.3
residual IF sound carrier (RMS
value)
−
2
−
mV
Q.2.4
output resistance
−
tbf
−Ω
Q.2.5
DC output voltage
−
tbf
−
V
Q.2.6
internal bias current of emitter
follower
−
tbf
−
mA
Q.2.7
maximum AC and DC sink
current
−
tbf
−
mA
Q.2.8
maximum AC and DC source
current
−
tbf
−
mA
Q.2.9
weighted S/N ratio (SC1/SC2).
Ratio of PC/SC1 at vision IF
input of 40 dB or higher, note 18
black picture
53/48
58/55
−
dB
Q.2.10
white picture
52/47
55/53
−
dB
Q.2.11
6 kHz sinewave
(black-to-white modulation)
44/42
48/46
−
dB
Q.2.12
250 kHz sine wave
(black-to-white modulation)
44/25
48/30
−
dB
Q.2.13
sound carrier subharmonics
(f=2.75 MHz
± 3 kHz)
45/44
51/50
−
dB
Q.2.14
sound carrier subharmonics
(f=2.87 MHz
± 3 kHz)
46/45
52/51
−
dB
NUMBER
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com