Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9554PS Datasheet(PDF) 28 Page - NXP Semiconductors

Part # TDA9554PS
Description  TV signal processor-Teletext decoder with embedded m-Controller
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9554PS Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button TDA9554PS Datasheet HTML 24Page - NXP Semiconductors TDA9554PS Datasheet HTML 25Page - NXP Semiconductors TDA9554PS Datasheet HTML 26Page - NXP Semiconductors TDA9554PS Datasheet HTML 27Page - NXP Semiconductors TDA9554PS Datasheet HTML 28Page - NXP Semiconductors TDA9554PS Datasheet HTML 29Page - NXP Semiconductors TDA9554PS Datasheet HTML 30Page - NXP Semiconductors TDA9554PS Datasheet HTML 31Page - NXP Semiconductors TDA9554PS Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 125 page
background image
2000 Jun 22
28
Philips Semiconductors
Tentative Device Specification
TV signal processor-Teletext decoder with
embedded
µ-Controller
TDA955X/6X/8X PS/N1 series
525 DISPLAY
0 - 625 Line synchronisation for Display.
1 - 525 Line synchronisation for Display.
525 TEXT
0 - 525 Line WST not being received
1 - 525 line WST being received
625 TEXT
0 - 625 Line WST not being received
1 - 625 line WST being received
PKT 8/30
0 - No Packet 8/30/x(625) or Packet 4/30/x(525) data detected
1 - Packet 8/30/x(625) or Packet 4/30/x(525) data detected
FASTEXT
0 - No Packet x/27 data detected
1 - Packet x/27 data detected
0
Reserved
TXT14
0
0
0
DISPLAY
BANK
PAGE<3>
PAGE<2>
PAGE<1>
PAGE<0>
00H
DISPLAY BANK
0 - Select lower bank for Display
1 - Select upper bank for Display
PAGE<3:0>
Current Display page
TXT15
0
0
0
MICRO
BANK
BLOCK<3
>
BLOCK<2
>
BLOCK<1
>
BLOCK<0
>
00H
MICRO BANK
0 - Select lower bank for Micro
1 - Select upper bank for Micro
BLOCK<3:0>
Current Micro block to be accessed by TXT9, TXT10 and TXT11
TXT17
0
FORCE
ACQ<1>
FORCE
ACQ<0>
FORCE
DISP<1>
FORCE
DISP<0>
SCREEN
COL2
SCREEN
COL1
SCREEN
COL0
00H
FORCE
ACQ<1:0>
00 - Automatic Selection
01 - Force 525 timing, Force 525 Teletext Standard
10 - Force 625 timing, Force 625 Teletext Standard
11 - Force 625 timing, Force 525 Teletext Standard
FORCE
DISP<1:0>
00 - Automatic Selection
01 - Force Display to 525 mode (9 lines per row)
10 - Force Display to 625 mode (10 lines per row)
11 - Not Valid (default to 625)
SCREEN
COL<2:0>
Defines colour to be displayed instead of TV picture and black background. The bits <2:0> are equivalent to the RGB components
000 - Transparent
001 - CLUT entry 9
010 - CLUT entry 10
011- CLUT entry 11
100 - CLUT entry 12
101 - CLUT entry 13
110- CLUT entry 14
111 - CLUT entry 15
TXT18
NOT<3>
NOT<2>
NOT<1>
NOT<0>
0
0
BS<1>
BS<0>
00H
NOT<3:0>
National Option table selection, maximum of 32 when used with East/West bit
BS<1:0>
Basic Character set selection
Names
BIT7
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1
BIT0
RESET
Table 3
SFR Bit description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com