Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9554PS Datasheet(PDF) 74 Page - NXP Semiconductors

Part # TDA9554PS
Description  TV signal processor-Teletext decoder with embedded m-Controller
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9554PS Datasheet(HTML) 74 Page - NXP Semiconductors

Back Button TDA9554PS Datasheet HTML 70Page - NXP Semiconductors TDA9554PS Datasheet HTML 71Page - NXP Semiconductors TDA9554PS Datasheet HTML 72Page - NXP Semiconductors TDA9554PS Datasheet HTML 73Page - NXP Semiconductors TDA9554PS Datasheet HTML 74Page - NXP Semiconductors TDA9554PS Datasheet HTML 75Page - NXP Semiconductors TDA9554PS Datasheet HTML 76Page - NXP Semiconductors TDA9554PS Datasheet HTML 77Page - NXP Semiconductors TDA9554PS Datasheet HTML 78Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 125 page
background image
2000 Jun 22
74
Philips Semiconductors
Tentative Device Specification
TV signal processor-Teletext decoder with
embedded
µ-Controller
TDA955X/6X/8X PS/N1 series
Table 107 Selection QSS out or AM out
Table 108 Nominal frequency FM demodulator
Table 109 FM demodulator at 10.7 MHz
Table 110Enable fast blanking ext.RGB/YUV
Table 111 RGB blanking
Table 112 Black current stabilization
Table 113 Cathode drive level (15 steps; 3.5 V/step)
Note
1. The given values are valid for the following conditions:
a) - Nominal CVBS input signal
b) - Nominal settings for contrast, WPA and peaking
c) - Black- and blue-stretch switched-off
d) - Gain of output stage such that no clipping occurs
e) - Beam current limiting not active
f) The tolerance on these values is about
± 3 V.
Table 114Synchronisation on YUV input
Table 115RGB/YUV switch
Note
1. YUV input with the specification:
Y = +1.4 VP-P; U = −1.33 VP-P; V = −1.05 VP-P.
These signal amplitudes are based on a colour bar
signal with 75% saturation.
2. YPRPB input with the specification:
Y = +1.0 VP-P; PB = +0.7 VP-P; PR = +0.7 VP-P.
These signal amplitudes are based on a colour bar
signal with 100% saturation.
Table 116 RGB blanking mode (110
° types)
AM
MODE
0
QSS output selected
1
AM output selected
FMC
FMB
FMA
FREQUENCY
0
0
0
5.5 MHz
0
0
1
6.0 MHz
0
1
0
4.5 MHz
0
1
1
6.5 MHz
1
0
0
5.74 MHz
1
0
1
6.75 MHz
1
1
0
4.74 MHz
1
1
1
8.60 MHz
FMD
MODE
0
frequency FM demodulator determined by the
bits FMA, FMB and FMC
1
frequency FM demodulator 10.7 MHz
IE2
FAST BLANKING
0
not active
1
active
RBL
RGB BLANKING
0
not active
1
active
AKB
MODE
0
active
1
not active
CL3
CL2
CL1
CL0
SETTING CATHODE
DRIVE AMPLITUDE;
NOTE 1
0000
50 VBL-WH
0111
75 VBL-WH
1111
95 VBL-WH
SOY
MODE
0
sync coupled to CVBS (Y) input
1
sync coupled to Y input
YUV1
YUV0
MODE
0
0
RGB input activated
0
1
spare
1
0
YUV input; input conditions: note 1
11
YPRPB input; input conditions: note 2
HBL
MODE
0
normal blanking (horizontal flyback)
1
wide blanking



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com