Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9554PS Datasheet(PDF) 93 Page - NXP Semiconductors

Part # TDA9554PS
Description  TV signal processor-Teletext decoder with embedded m-Controller
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9554PS Datasheet(HTML) 93 Page - NXP Semiconductors

Back Button TDA9554PS Datasheet HTML 89Page - NXP Semiconductors TDA9554PS Datasheet HTML 90Page - NXP Semiconductors TDA9554PS Datasheet HTML 91Page - NXP Semiconductors TDA9554PS Datasheet HTML 92Page - NXP Semiconductors TDA9554PS Datasheet HTML 93Page - NXP Semiconductors TDA9554PS Datasheet HTML 94Page - NXP Semiconductors TDA9554PS Datasheet HTML 95Page - NXP Semiconductors TDA9554PS Datasheet HTML 96Page - NXP Semiconductors TDA9554PS Datasheet HTML 97Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 125 page
background image
2000 Jun 22
93
Philips Semiconductors
Tentative Device Specification
TV signal processor-Teletext decoder with
embedded
µ-Controller
TDA955X/6X/8X PS/N1 series
EHT TRACKING/OVERVOLTAGE PROTECTION
H.10.1
input voltage
1.2
−
2.8
V
H.10.2
scan modulation range
−5
−
+5
%
H.10.3
vertical sensitivity
−
6.3
−
%/V
H.10.4
EW sensitivity
when switched-on
−−6.3
−
%/V
H.10.5
EW equivalent output current
+100
−−100
µA
H.10.6
overvoltage detection level
note 44
−
3.9
−
V
DE-INTERLACE
H.11.1
first field delay
−
0.5H
−
EW WIDTH; NOTE 50
H.12.1
control range
63 steps; see Fig. 54
100
−
65
%
H.12.2
equivalent output current
0
−
700
µA
H.12.3
EW output voltage range
1.0
−
5.0
V
H.12.4
EW output current range
0
−
1200
µA
EW PARABOLA/WIDTH
H.13.1
control range
63 steps; see Fig. 55
0
−
23
%
H.13.2
equivalent output current
EW=3FH; CP=11H; TC=1FH 0
−
450
µA
EW UPPER/LOWER CORNER/PARABOLA
H.14.1
control range
63 steps; see Fig. 56
−46
−
+17
%
H.14.2
equivalent output current
PW=3FH; EW=3FH; TC=1FH
−207
−
+76
µA
EW TRAPEZIUM
H.15.1
control range
63 steps; see Fig. 57
−5
−
+5
%
H.15.2
equivalent output current
EW=1FH; CP=11H; PW=1FH
−100
−
+100
µA
VERTICAL AMPLITUDE
H.16.1
control range
63 steps; see Fig. 50
80
−
120
%
H.16.2
equivalent differential vertical
drive output current
(peak-to-peak value)
SC = 0EH
760
−
1140
µA
VERTICAL SHIFT
H.17.1
control range
63 steps; see Fig. 52
−5
−
+5
%
H.17.2
equivalent differential vertical
drive output current
(peak-to-peak value)
−50
−
+50
µA
S-CORRECTION
H.18.1
control range
63 steps; see Fig. 53
−10
−
25
%
VERTICAL ZOOM MODE (OUTPUT CURRENT VARIATION WITH RESPECT TO NOMINAL SCAN); NOTE 51
H.19.1
vertical expand factor
0.75
−
1.38
H.19.2
output current limiting and RGB
blanking
−
1.05
−
NUMBER
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com