| Electronic Components Datasheet Search |
|
MMPF0100Z Datasheet(PDF) 27 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MMPF0100Z Datasheet(HTML) 27 Page - NXP Semiconductors |
|
27 / 128 page ![]() NXP Semiconductors 27 PF0100Z FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS 6.4 Power generation 6.4.1 Modes of operation The operation of the PF0100Z can be reduced to five states, or modes: on, off, sleep, standby, and coin cell. Figure 8 shows the state diagram of the PF0100Z, along with the conditions to enter and exit from each state. Figure 8. State diagram To complement the state diagram in Figure 8, a description of the states is provided in following sections. Note that VIN must exceed the rising UVDET threshold to allow a power up. Refer to Table 28 for the UVDET thresholds. Additionally, I2C control is not possible in the coin cell mode and the interrupt signal, INTB, is only active in sleep, standby, and on states. 6.4.1.1 On mode The PF0100Z enters the on mode after a turn-on event. RESETBMCU is de-asserted, high, in this mode of operation. 6.4.1.2 Off mode The PF0100Z enters the off mode after a turn-off event. A thermal shutdown event also forces the PF0100Z into the off mode. Only VCOREDIG and VSNVS are powered in the mode of operation. To exit the off mode, a valid turn-on event is required. RESETBMCU is asserted, low, in this mode. PWRON = 0 held >= 4.0 sec Any SWxOMODE bits=1 & PWRONRSTEN = 1 (PWRON_CFG=1) PWRON=1 & VIN > UVDET (PWRON_CFG =0) Or PWRON= 0 < 4.0 sec & VIN > UVDET (PWRON_CFG=1) ON PWRON = 0 Any SWxOMODE bits=1 (PWRON_CFG=0) Or PWRON=0 held >= 4.0 sec Any SWxOMODE bits=1 & PWRONRSTEN = 1 (PWRON_CFG=1) PWRON=1 & VIN > UVDET (PWRON_CFG = 0) Or PWRON= 0 < 4.0 sec & VIN > UVDET (PWRON_CFG=1) PWRON = 0 All SWxOMODE bits= 0 (PWRON_CFG = 0) Or PWRON = 0 held >= 4.0 sec All SWxOMODE bits= 0 & PWRONRSTEN = 1 (PWRON_CFG = 1) OFF Sleep Coin Cell VIN < UVDET VIN > UVDET Thermal shudown Standby STANDBY asserted VIN < UVDET Thermal shutdown Thermal shutdown STANDBY de-asserted PWRON = 0 Any SWxOMODE bits=1 (PWRON_CFG=0) Or PWRON=0 held >= 4.0 sec Any SWxOMODE bits=1 & PWRONRSTEN = 1 (PWRON_CFG=1) PWRON = 0 All SWxOMODE bits= 0 (PWRON_CFG = 0) Or PWRON = 0 held >= 4.0 sec All SWxOMODE bits= 0 & PWRONRSTEN = 1 (PWRON_CFG = 1) VIN < UVDET VIN < UVDET |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |