Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMPF0100Z Datasheet(PDF) 78 Page - NXP Semiconductors

Part # MMPF0100Z
Description  14 channel configurable power management integrated circuit
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0100Z Datasheet(HTML) 78 Page - NXP Semiconductors

Back Button MMPF0100Z Datasheet HTML 74Page - NXP Semiconductors MMPF0100Z Datasheet HTML 75Page - NXP Semiconductors MMPF0100Z Datasheet HTML 76Page - NXP Semiconductors MMPF0100Z Datasheet HTML 77Page - NXP Semiconductors MMPF0100Z Datasheet HTML 78Page - NXP Semiconductors MMPF0100Z Datasheet HTML 79Page - NXP Semiconductors MMPF0100Z Datasheet HTML 80Page - NXP Semiconductors MMPF0100Z Datasheet HTML 81Page - NXP Semiconductors MMPF0100Z Datasheet HTML 82Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 128 page
background image
78
NXP Semiconductors
PF0100Z
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
For more detail information, Table 94 through Table 99 provide a description of all registers necessary to operate all six general purpose
LDO regulators.
Table 93. LDO control
VGENxEN
VGENxLPWR
VGENxSTBY
STANDBY(61)
VGENxOUT
0X
X
X
Off
10
0
X
On
1
1
0
X
Low Power
1X
1
0
On
10
1
1
Off
1
1
1
1
Low Power
Notes
61.
STANDBY refers to a standby event as described earlier.
Table 94. Register VGEN1CTL - ADDR 0x6C
Name
Bit #
R/W
Default
Description
VGEN1
3:0
R/W
0x80
Sets VGEN1 output voltage.
See Table 91 for all possible configurations.
VGEN1EN
4
–
0x00
Enables or disables VGEN1 output
0 = OFF
1 = ON
VGEN1STBY
5
R/W
0x00
Set VGEN1 output state when in standby. Refer
to Table 93.
VGEN1LPWR
6
R/W
0x00
Enable low-power mode for VGEN1. Refer to
Table 93.
UNUSED
7
–
0x00
unused
Table 95. Register VGEN2CTL - ADDR 0x6D
Name
Bit #
R/W
Default
Description
VGEN2
3:0
R/W
0x80
Sets VGEN2 output voltage.
See Table 91 for all possible configurations.
VGEN2EN
4
–
0x00
Enables or disables VGEN2 output
0 = OFF
1 = ON
VGEN2STBY
5
R/W
0x00
Set VGEN2 output state when in standby. Refer
to Table 93.
VGEN2LPWR
6
R/W
0x00
Enable low-power mode for VGEN2. Refer to
Table 93.
UNUSED
7
–
0x00
unused



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com