Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMPF0100Z Datasheet(PDF) 126 Page - NXP Semiconductors

Part # MMPF0100Z
Description  14 channel configurable power management integrated circuit
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0100Z Datasheet(HTML) 126 Page - NXP Semiconductors

Back Button MMPF0100Z Datasheet HTML 120Page - NXP Semiconductors MMPF0100Z Datasheet HTML 121Page - NXP Semiconductors MMPF0100Z Datasheet HTML 122Page - NXP Semiconductors MMPF0100Z Datasheet HTML 123Page - NXP Semiconductors MMPF0100Z Datasheet HTML 124Page - NXP Semiconductors MMPF0100Z Datasheet HTML 125Page - NXP Semiconductors MMPF0100Z Datasheet HTML 126Page - NXP Semiconductors MMPF0100Z Datasheet HTML 127Page - NXP Semiconductors MMPF0100Z Datasheet HTML 128Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 126 / 128 page
background image
126
NXP Semiconductors
PF0100Z
REVISION HISTORY
10
Revision history
10.1
Document changes
Revision
Date
Description of Changes
1.0
11/2012
• Initial release
2.0
1/2013
• Deleted unneeded rows from Ordering information and updated part number
• Changed Note 2
• Added Note 4 to Pin Definitions and assigned it to the applicable pin names
• Corrected Functional Block diagram
• Corrected pin name in section 7.1
• Deleted unnecessary columns in Table 9
• Added section 7.2.1 and fixed TOC
• Corrected FF row in Table 136
• Corrected schematics 10, 11, 12, 14, 16, 17, 18, 20, and 22
• Corrected page one package isometric
• Added warning to note 6
• Changed graphics on figures 13, 15, 19, and 21
• Deleted original note 64.
• Deleted reference to ICOINLO in Coin Cell Charger Control
• Updated figure 28
• Corrected part number in BOM
• Corrected #4 in General Routing Requirements
• Added AN4622 to Reference Documents
3.0
2/2013
• Separated VSNS pin for HBM page 9
• Reworded sentence in Programming OTP fuses
• Added 2.0 MHz clock frequency
• Changed min. for VREFDDR Current Limit
• Changed min. for VGEN1 DC Current Limit
• Changed min. for VGEN1 DC Overcurrent Protection Threshold
• Changed max. for VGEN2 ACTIVE MODE - DC Current Limit
• Changed min. for VGEN3 DC Current Limit
• Changed min. for VGEN4 DC Current Limit
• Changed min. for VGEN5 ACTIVE MODE - DC Current Limit
• Changed min. for VGEN6 DC Current Limit
• Changed min. for VGEN6 DC Overcurrent Protection Threshold
• Changed max. for VSNVS DC, LDO VIN Threshold, VIN going high with valid coin cell
• Changed max. for VSNVS DC, LDO VIN Threshold, VIN going low with valid coin cell
• Added note to VSNVS AC AND TRANSIENT Turn-on Time, and deleted notation of conditions
• Register D8 and D9 in table 137 marked as reserved.
• Added Figure 4
• Updated table 8. Current consumption summary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com