Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCD1284 Datasheet(PDF) 85 Page - Intel Corporation

Part # SCD1284
Description  IEEE 1284-Compatible Parallel Interface Controller with Two High-Speed Asynchronous Serial Ports
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

SCD1284 Datasheet(HTML) 85 Page - Intel Corporation

Back Button SCD1284 Datasheet HTML 81Page - Intel Corporation SCD1284 Datasheet HTML 82Page - Intel Corporation SCD1284 Datasheet HTML 83Page - Intel Corporation SCD1284 Datasheet HTML 84Page - Intel Corporation SCD1284 Datasheet HTML 85Page - Intel Corporation SCD1284 Datasheet HTML 86Page - Intel Corporation SCD1284 Datasheet HTML 87Page - Intel Corporation SCD1284 Datasheet HTML 88Page - Intel Corporation SCD1284 Datasheet HTML 89Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 176 page
background image
IEEE 1284-Compatible Parallel Interface Controller — CD1284
Datasheet
85
Figure 13. Cable Connection
+5 V
1.2 k
Ω
20
Ω
20
Ω
CD1284
BIDIRECTIONAL
SIGNAL LINE
OUTPUT
SIGNAL LINE
INPUT
SIGNAL LINE
TRANSIENT
PROTECTION
Caution: Transient protection is not implemented inside the CD1284 device, therefore transient voltages may cause
damage. Laboratory testing has shown that this type of protection is not necessary under normal conditions.
However, damage may occur under harsh conditions or when subjected to unusual abuse. Also note, the protection
circuit shown here may cause a powered-up host to supply power to the +5 V (Vcc) of the peripheral if it is not
powered up. If this is a concern, then another protection circuit must be designed.
1.2 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com