Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCD1284 Datasheet(PDF) 55 Page - Intel Corporation

Part # SCD1284
Description  IEEE 1284-Compatible Parallel Interface Controller with Two High-Speed Asynchronous Serial Ports
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

SCD1284 Datasheet(HTML) 55 Page - Intel Corporation

Back Button SCD1284 Datasheet HTML 51Page - Intel Corporation SCD1284 Datasheet HTML 52Page - Intel Corporation SCD1284 Datasheet HTML 53Page - Intel Corporation SCD1284 Datasheet HTML 54Page - Intel Corporation SCD1284 Datasheet HTML 55Page - Intel Corporation SCD1284 Datasheet HTML 56Page - Intel Corporation SCD1284 Datasheet HTML 57Page - Intel Corporation SCD1284 Datasheet HTML 58Page - Intel Corporation SCD1284 Datasheet HTML 59Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 176 page
background image
IEEE 1284-Compatible Parallel Interface Controller — CD1284
Datasheet
55
The transmitter is capable of performing several special functions such as break generation, inter-
character delays, and automatic flow control. These functions are discussed in Section 5.6, Section
5.7, and Section 5.8.
As with the receiver, the transmitter has a timer associated with it. This timer generates the timing
for embedded transmit commands that send line breaks and inter-character delays. Whenever the
MPU detects an embedded transmit command specifying the delay command, this timer is loaded
with the value contained in the parameter byte. Then the timer is decremented on each tick of the
PPR (prescaler timer) until it reaches zero. At that time, the delay terminates unless the next
character in the FIFO is the beginning of another delay command sequence.
5.6
Flow Control
In all data communications applications, data is sent from one system to another by a protocol.
Most systems have a method of buffering data for transmission and reception.
In asynchronous protocol, there is no way at the protocol level to determine the length of a data
transmission. Therefore, it is not normally possible to designate a buffer area to handle the entire
length of the transmission. Also, the hardware receiving the data generally has a limited amount of
buffer area — usually a FIFO — and, if the CPU does not unload data fast enough, the buffer or
FIFO can overflow. For these reasons, two methods are provided to stop the remote from sending
data until there is space to receive data. This is known as flow control.
Flow control can be in-band or out-of-band. In-band flow control uses special characters that can
be sent to the CPU to stop data transmission. Out-of-band flow control are signals outside the serial
data channel that perform the same function: the RTS* (Request To Send) and CTS* (Clear To
Send) signal set, and the DSR* (Data Set Ready) and DTR* (Data Terminal Ready) signals.
The CD1284 supports manual flow control and has built-in capabilities for automatic and/or semi-
automatic (depending on direction and options) implementation without CPU intervention.
5.6.1
In-Band Flow Control
In-band flow control is implemented by special characters imbedded in the serial data stream; one
to request that transmission stop and one to request that data transmission resume. Any character
can be selected, although conventionally, the XON or DC1 (x’11) and XOFF or DC3 (x’13)
characters are selected if the ASCII character set is being used.
XOFF designates the character used to stop data transmission. XON determines the character used
to resume transmission. Whether these characters are used, the CD1284 allows the two characters
to be set to any value appropriate to the system design by the value programmed in SCHR1 and
SCHR2 (Special Character register 1 and 2).
SCHR1 defines the XON character and SCHR2 defines the XOFF character. These registers must
be initialized by the CPU; the default value loaded during device reset is ‘x’00’.
5.6.2
Receiver In-Band Flow Control
When the CPU senses that the sender requires flow-control due to the receive buffer filling too fast
to service, it can request the remote stop transmission by the transmitter sending an XOFF
character. This is accomplished by issuing a send special character 2 command through the CCR.
The CD1284 then transmits the character programmed in SCHR2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com