Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCD1284 Datasheet(PDF) 61 Page - Intel Corporation

Part # SCD1284
Description  IEEE 1284-Compatible Parallel Interface Controller with Two High-Speed Asynchronous Serial Ports
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

SCD1284 Datasheet(HTML) 61 Page - Intel Corporation

Back Button SCD1284 Datasheet HTML 57Page - Intel Corporation SCD1284 Datasheet HTML 58Page - Intel Corporation SCD1284 Datasheet HTML 59Page - Intel Corporation SCD1284 Datasheet HTML 60Page - Intel Corporation SCD1284 Datasheet HTML 61Page - Intel Corporation SCD1284 Datasheet HTML 62Page - Intel Corporation SCD1284 Datasheet HTML 63Page - Intel Corporation SCD1284 Datasheet HTML 64Page - Intel Corporation SCD1284 Datasheet HTML 65Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 176 page
background image
IEEE 1284-Compatible Parallel Interface Controller — CD1284
Datasheet
61
5.6.4.1
Generating Service Requests with Modem Pins
The CD1284 can generate service requests when any one of the input pins changes state. Either or
both edges can be detected by setting bits in MCOR1 and MCOR2. For each pin, the user can
individually enable an on-to-off or off-to-on transition detection of the inputs. When the CD1284
detects such a transition, the corresponding bit in the MCR is set. If the corresponding IER bit in
the channel is set, the CD1284 asserts the SVCREQM* output.
The user must clear the MCR during the service request service routine before writing to the EOIR.
The CD1284 performs this task by reading the modem input signals and comparing the current
value with the value read in the last pass through the outer scanning loop. Because this is the
lowest-priority event in the CD1284 scanning loop, changes can not be detected unless they are
several hundred microseconds long.
For example, the modem input pins can be used to detect the closing of a switch. However,
consider the relatively slow speed of response when using modem input pins for this purpose. The
CD1284 does not latch the modem input signals.
5.6.4.2
Using Modem Pins as General-Purpose I/O
Since the modem pins can be directly accessed by the host, they can be used as general-purpose I/O
pins if they are not needed for flow control or modem interfacing. Simply read from and write to
these pins as with any I/O port.
5.7
Receive Special Character Processing
The CD1284 has several ways to send special characters and to process these characters when
received. Some special characters have fixed definitions and others are user-defined. Figure 9 on
page 64 defines the processing that the CD1284 performs for receive data. This flow chart
illustrates the special character handling process.
5.7.1
UNIXCharacter Processing
The CD1284 incorporates special character processing of particular benefit in systems designed to
run the UNIXoperating system. The processing performs some of the functions normally handled
by the ‘line discipline’ part of a serial device driver program. This provides higher overall
performance in serial communication than could otherwise be obtained because character
manipulation occurs at the hardware level without any CPU interaction. This processing includes
CR (carriage return) and NL (new line) substitution, programmable response to errored characters
(framing, parity and overrun errors), the LNext function and ISTRIP. Each type of processing is
optional and can be enabled/disabled with control bits in the CORs 2, 4, and 5. The following
sections describe of each of these functions.
5.7.1.1
Line-Terminating Characters
The CD1284 can be programmed to perform automatic substitution of the CR and NL characters
on both received and transmitted data. Received character processing has five unique substitutions
based on the value of IGNCR, ICRNL, and INLCR (COR4[7:5]); some combinations cause
identical actions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com