Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCD1284 Datasheet(PDF) 86 Page - Intel Corporation

Part # SCD1284
Description  IEEE 1284-Compatible Parallel Interface Controller with Two High-Speed Asynchronous Serial Ports
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

SCD1284 Datasheet(HTML) 86 Page - Intel Corporation

Back Button SCD1284 Datasheet HTML 82Page - Intel Corporation SCD1284 Datasheet HTML 83Page - Intel Corporation SCD1284 Datasheet HTML 84Page - Intel Corporation SCD1284 Datasheet HTML 85Page - Intel Corporation SCD1284 Datasheet HTML 86Page - Intel Corporation SCD1284 Datasheet HTML 87Page - Intel Corporation SCD1284 Datasheet HTML 88Page - Intel Corporation SCD1284 Datasheet HTML 89Page - Intel Corporation SCD1284 Datasheet HTML 90Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 176 page
background image
CD1284 — IEEE 1284-Compatible Parallel Interface Controller
86
Datasheet
5.17
Hardware Configurations
The simplicity of the CPU interface to the CD1284 allows the device to be designed into systems
that employ popular microprocessors such as the Intel 80x86 family (8086, 80286, 80386, and so
on), the Motorolafamily (68000, 68010, 68020, and so on), the National Semiconductor32x32
family (32CG16, 32332, 32532, 32GX32, and so on), and the AMD29000.
5.17.1
Interfacing to an IntelMicroprocessor-Based System
With very little extra logic, the CD1284 can interface to any system based on a processor in the
Intel 80x86 family. Figure 15 shows a generalized view of an I/O-mapped interface with an 80286-
based system. To provide the proper strobes and controls, the IOR* and IOW* control strobes
synthesize the DS* and R/W* signals. DTACK* is used as an input to wait-state-generation logic
that holds the processor (if necessary) until the CD1284 has completed the I/O request.
5.17.2
Interfacing to a MotorolaMicroprocessor-Based System
Interfacing to a 68000 family device is relatively simple. Bus timing and the interface signal
definitions closely match those of the 68000 microprocessor, which allows a direct connection in
most cases. With later versions (68020, 68030), some additional logic is required to generate the
DSACK0* and DSACK1* functions that replace the DTACK* on earlier devices. The example in
Figure 16 on page 88 shows a generalized interface to a 68020 device.
5.17.3
Interfacing to a National Semiconductor
Microprocessor-Based System
The connections between the CD1284 and an NS32000 (32GX320, 32CG16, and so on) embedded
controller are also relatively simple. As with the Intel devices, cycles are controlled by the DS*,
CS*, and R/W* signals synthesized from the available I/O-control signals. I/O-cycle extensions
(wait states) are generated by logic connected to the DTACK* signal. All necessary controls are
available to prevent multiple read/write cycles in the CD1284 FIFOs when using memory-mapped
I/O.
Figure 14. External Buffer Control
G
DIR
BA
TO CABLE
TO CD1284
PDBEN
EBDIR
Impedance matching and protection circuitry
(see Figure 13) as required for the 74AS245.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com