| Electronic Components Datasheet Search |
|
SCD1284 Datasheet(PDF) 42 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
SCD1284 Datasheet(HTML) 42 Page - Intel Corporation |
|
42 / 176 page ![]() CD1284 — IEEE 1284-Compatible Parallel Interface Controller 42 Datasheet Before a serial request for service of a particular type is posted, the MPU checks the current state of the request output for that type. If it is inactive, indicating that no other CD1284 is driving that level, a request can be posted; otherwise it waits. This guarantees that each CD1284 has an opportunity to have a request type serviced when required. When the CPU acknowledges the request, both CD1284s receive the acknowledge through SVCACK*. However, only the first receives DGRANT*. If there is an active request of this type pending, the CD1284 takes the acknowledge and drives its vector register (RIVR, TIVR, MIVR) onto the data bus. If the first device does not have a request pending, it passes the DGRANT* input to the second CD1284 through the DPASS* output. Assuming that the second device has an active request pending, it takes the acknowledge and drives its Vector register onto the data bus. As previously mentioned, the upper five bits of the LIVR reflects what the CPU loaded into them during its initialization of the CD1284s. These bits are used as a unique chip identification number so the CPU can determine which CD1284 responded to the service acknowledge. These five bits can be set to binary ‘0’ in the LIVRs of the first CD1284, and to binary ‘1’ in those of the second. The CPU is able to test the bit to determine which device responded. Some examples of service- acknowledge software routines that show one way of performing this task are provided in Chapter 6.0. The common service acknowledge described in Section 5.3.2.3 on page 39 is also usable in daisy- chained environments. In this case, the common acknowledge is applied to all service- acknowledge inputs in all devices of the chain. The daisy-grant ripples down the chain until the requesting device receives the acknowledge. Note: If a CD1284 further down the chain is requesting service for a receiver and one up the chain is requesting service for a transmitter, the transmit request is serviced first since it precedes the receive requester. Thus, the Fair Share mechanism is not functional in this configuration. Figure 6. CD1284 Daisy-Chain Connections DPASS* SVCACKR* SVCACKT* SVCACKM* DGRANT* DPASS* SVCACKR* SVCACKT* SVCACKM* DGRANT* SVCREQR* SVCREQT* SVCREQM* SVCREQR* SVCREQT* SVCREQM* SVCACKP* SVCACKP* SVCREQP* SVCREQP* ADDRESS DECODE LOGIC CYCLE ERROR |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |