Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NT5CC64M16GP-DINA Datasheet(PDF) 80 Page - Nanya Technology Corporation.

Part # NT5CC64M16GP-DINA
Description  Commercial, Industrial and AutomotiveDDR3(L) 1 Gb SDRAM
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CC64M16GP-DINA Datasheet(HTML) 80 Page - Nanya Technology Corporation.

Back Button NT5CC64M16GP-DINA Datasheet HTML 76Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 77Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 78Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 79Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 80Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 81Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 82Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 83Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 84Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 160 page
background image
Version 2.2
80
Nanya Technology Cooperation ©
04/2019
All Rights Reserved.
NTC Proprietary
Level: Property
DDR3(L) 1Gb SDRAM
NT5CB(C)128M8GN / NT5CB(C)64M16GP
ODT timing parameters for Power Down (with DLL frozen) entry and exit transition
period
Description
Min.
Max.
ODT to RTT turn-on delay
min{ ODTLon * tCK + tAONmin; tAONPDmin }
min{ (WL - 2) * tCK + tAONmin; tAONPDmin }
max{ ODTLon * tCK + tAONmax; tAONPDmax }
max{ (WL - 2) * tCK + tAONmax; tAONPFmax }
ODT to RTT turn-off delay
min{ ODTLoff * tCK + tAOFmin; tAOFPDmin }
min{ (WL - 2) * tCK + tAOFmin; tAOFPDmin }
max{ ODTLoff * tCK + tAOFmax; tAOFPDmax }
max{ (WL - 2) * tCK + tAOFmax; tAOFPDmax }
tANPD
WL-1
Synchronous to Asynchronous ODT Mode Transition during Power-Down Entry
If DLL is selected to be frozen in Precharge Power Down Mode by the setting of bit A12 in MR0 to “0”, there is a transition
period around power down entry, where the DDR3(L) SDRAM may show either synchronous or asynchronous ODT
behavior.
The transition period is defined by the parameters tANPD and tCPDED(min). tANPD is equal to (WL-1) and is counted
backwards in time from the clock cycle where CKE is first registered low. tCPDED(min) starts with the clock cycle where
CKE is first registered low. The transition period begins with the starting point of tANPD and terminates at the end point of
tCPDED(min). If there is a Refresh command in progress while CKE goes low, then the transition period ends at the later
one of tRFC(min) after the Refresh command and the end point of tCPDED(min). Please note that the actual starting point
at tANPD is excluded from the transition period, and the actual end point at tCPDED(min) and tRFC(min, respectively, are
included in the transition period.
ODT assertion during the transition period may result in an RTT change as early as the smaller of tAONPDmin and
(ODTLon*tCK + tAONmin) and as late as the larger of tAONPDmax and (ODTLon*tCK + tAONmax). ODT de-assertion
during the transition period may result in an RTT change as early as the smaller of tAOFPDmin and (ODTLoff*tCK +
tAOFmin) and as late as the larger of tAOFPDmax and (ODTLoff*tCK + tAOFmax). Note that, if AL has a large value, the
range where RTT is uncertain becomes quite large. Following figure shows the three different cases: ODT_A, synchronous
behavior before tANPD; ODT_B has a state change during the transition period; ODT_C shows a state change after the
transition period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com