Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9174 Datasheet(PDF) 44 Page - Analog Devices

Part # AD9174
Description  Dual, 16-Bit, 12.6 GSPS RF DAC and Direct Digital Synthesizer
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9174 Datasheet(HTML) 44 Page - Analog Devices

Back Button AD9174 Datasheet HTML 40Page - Analog Devices AD9174 Datasheet HTML 41Page - Analog Devices AD9174 Datasheet HTML 42Page - Analog Devices AD9174 Datasheet HTML 43Page - Analog Devices AD9174 Datasheet HTML 44Page - Analog Devices AD9174 Datasheet HTML 45Page - Analog Devices AD9174 Datasheet HTML 46Page - Analog Devices AD9174 Datasheet HTML 47Page - Analog Devices AD9174 Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 164 page
background image
AD9174
Data Sheet
Rev. A | Page 44 of 164
FRAME CLOCK
LMFC
PCLK
DATA
DATA AT Tx FRAMER
ILAS
LMFCRX
TOTAL FIXED LATENCY = 30 PCLK CYCLES
LMFC DELAY = 26 FRAME CLOCK CYCLES
PCB FIXED
DELAY
DATA
ALIGNED LANE DATA
AT Rx DEFRAMER OUTPUT
ILAS
TOTAL VARIABLE
LATENCY = 4
PCLK CYCLES
Tx VAR
DELAY
Rx VAR
DELAY
Figure 66. LMFC Delay Calculation Example
Link Delay Setup Example, Without Known Delay
If the system delays are not known, the AD9174 can read back
the link latency between LMFCRX for each link (with the
LMFCDel setting subtracted out) and the SYSREF± aligned
LMFC. This information is then used to calculate LMFCVar
and LMFCDel.
Figure 68 shows how DYN_LINK_LATENCY_0 (Register 0x302)
provides a readback showing the delay (in PCLK cycles) between
LMFCRX minus the LMFC_DELAY_x (fixed delay) setting set in
the SPI at that time and the transition from the ILAS to the first
data sample. By repeatedly power cycling and taking this measure-
ment, the minimum and maximum delays across power cycles
can be determined and used to calculate LMFCVar and
LMFCDel.
In Figure 68, for Link A, Link B, and Link C, the system
containing the AD9174 (including the transmitter) is power
cycled and configured 20 times. The AD9174 is configured as
described in the Sync Procedure section. Because the purpose
of this exercise is to determine LMFCDel and LMFCVar, the
LMFCDel value is programmed to 0 and the DYN_LINK_
LATENCY_0 value is read from Register 0x302. The variation
in the link latency over the 20 runs is shown in Figure 68,
described as follows:
Link A gives readbacks of 6, 7, 0, and 1. The set of recorded
delay values rolls over the edge of a multiframe at the
boundary of K/PCLK factor = 8. Add the number of PCLK
cycles per multiframe = 8 to the readback values of 0 and 1
because they rolled over the edge of the multiframe. Delay
values range from 6 to 9.
Link B gives delay values from 5 to 7.
Link C gives delay values from 4 to 7.
The example shown in Figure 68 is demonstrated in the following
steps. This example is in Subclass 1 to achieve deterministic
latency, and the example uses the case for F = 1. Therefore, the
number of PCLK cycles per multiframe = 8.
1.
Calculate the minimum of all delay measurements across
all power cycles, links, and devices as follows:
MinDelay = min(all Delay values) = 4
2.
Calculate the maximum of all delay measurements across
all power cycles, links, and devices as follows:
MaxDelay = max(all Delay values) = 9
3.
Set LFMCVar to the maximum of 12 PCLK cycles. If
latency is required to be minimized for a given application,
calculate the total delay variation (with 2 PCLK cycles of
guard band on each end) across all power cycles, links, and
devices as follows:
LMFCVar = (MaxDelay + 2) − (MinDelay − 2)
= (9 + 2) − (4 − 2) = 11 − 2 = 9 PCLK cycles
4.
Calculate the minimum delay in PCLK cycles (with
2 PCLK cycles of guard band) across all power cycles, links,
and devices as follows:
LMFCDel
= (MinDelay – 2) % (PCLKsperMF)
= (4 − 2) % 8
= 2 % 8 = 2 PCLK cycles
5.
Write LMFCDel to Register 0x304 for all devices in the system.
Write LMFCVar to Register 0x306 for all devices in the system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com