Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9174 Datasheet(PDF) 15 Page - Analog Devices

Part # AD9174
Description  Dual, 16-Bit, 12.6 GSPS RF DAC and Direct Digital Synthesizer
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9174 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9174 Datasheet HTML 11Page - Analog Devices AD9174 Datasheet HTML 12Page - Analog Devices AD9174 Datasheet HTML 13Page - Analog Devices AD9174 Datasheet HTML 14Page - Analog Devices AD9174 Datasheet HTML 15Page - Analog Devices AD9174 Datasheet HTML 16Page - Analog Devices AD9174 Datasheet HTML 17Page - Analog Devices AD9174 Datasheet HTML 18Page - Analog Devices AD9174 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 164 page
background image
Data Sheet
AD9174
Rev. A | Page 15 of 164
ABSOLUTE MAXIMUM RATINGS
Table 10.
Parameter
Rating
ISET, FILT_COARSE, FILT_BYP, FILT_VCM
−0.3 V to AVDD1.8 + 0.3 V
SERDINx±
−0.2 V to SVDD1.0 + 0.2 V
SYNCOUT0±, SYNCOUT1±, RESET,
TXEN0, TXEN1, IRQ0, IRQ1, CS,
SCLK, SDIO, SDO
−0.3 V to DVDD1.8 + 0.3 V
DAC0±, DAC1±, CLKIN±, CLKOUT±,
FILT_FINE
−0.2 V to AVDD1.0 + 0.2 V
SYSREF±
−0.2 V to DVDD1.0 + 0.2 V
AVDD1.0, DVDD1.0, SVDD1.0 to GND
−0.2 V to +1.2 V
AVDD1.8, DVDD1.8 to GND
−0.3 V to 2.2 V
Maximum Junction Temperature (TJ)1
118°C
Storage Temperature Range
−65°C to +150°C
Reflow
260°C
1
Some operating modes of the device may cause the device to approach or
exceed the maximum junction temperature during operation at supported
ambient temperatures. Removal of heat from the device may require
additional measures such as active airflow, heat sinks, or other measures.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
REFLOW PROFILE
The AD9174 reflow profile is in accordance with the JEDEC
JESD20 criteria for Pb-free devices. The maximum reflow
temperature is 260°C.
THERMAL CHARACTERISTICS
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to
PCB thermal design is required.
θJA is the natural convection junction to ambient thermal
resistance measured in a one cubic foot sealed enclosure. θJC is
the junction to case thermal resistance.
Thermal resistances and thermal characterization parameters are
specified vs. the number of PCB layers in different airflow velocities
(in m/sec). The use of appropriate thermal management tech-
niques is recommended to ensure that the maximum junction
temperature does not exceed the limits shown in Table 10.
Use the values in Table 11 in compliance with JEDEC 51-12.
Table 11. Simulated Thermal Resistance vs. PCB Layers1
PCB Type
Airflow
Velocity
(m/sec)
θJA
θJC_TOP
θJC_BOT
Unit
JEDEC
2s2p
Board
0.0
25.3
2.43
3.04
°C/W
1.0
22.6
N/A
N/A
°C/W
2.5
21.0
N/A
N/A
°C/W
12-Layer
PCB2
0.0
15.4
2.4
2.6
°C/W
1.0
13.1
N/A
N/A
°C/W
2.5
11.6
N/A
N/A
°C/W
1
N/A means not applicable.
2
Non JEDEC thermal resistance.
3
1SOP PCB with no vias in PCB.
4
1SOP PCB with 7 × 7 standard JEDEC vias.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com