Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9174 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9174
Description  Dual, 16-Bit, 12.6 GSPS RF DAC and Direct Digital Synthesizer
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9174 Datasheet(HTML) 1 Page - Analog Devices

  AD9174 Datasheet HTML 1Page - Analog Devices AD9174 Datasheet HTML 2Page - Analog Devices AD9174 Datasheet HTML 3Page - Analog Devices AD9174 Datasheet HTML 4Page - Analog Devices AD9174 Datasheet HTML 5Page - Analog Devices AD9174 Datasheet HTML 6Page - Analog Devices AD9174 Datasheet HTML 7Page - Analog Devices AD9174 Datasheet HTML 8Page - Analog Devices AD9174 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 164 page
background image
Dual, 16-Bit, 12.6 GSPS
RF DAC and Direct Digital Synthesizer
Data Sheet
AD9174
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2018–2019 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Supports multiband wireless applications
3 bypassable, complex data input channels per RF DAC
3.08 GSPS maximum complex input data rate per input
channel
1 independent NCO per input channel
Proprietary, low spurious and distortion design
2-tone IMD3 = −83 dBc at 1.84 GHz, −7 dBFS/tone RF output
SFDR <−80 dBc at 1.84 GHz, −7 dBFS RF output
Flexible 8-lane, 15.4 Gbps JESD204B interface
Supports single-band and multiband use cases
Supports 12-bit high density mode for increased data
throughput
Multiple chip synchronization
Supports JESD204B Subclass 1
Selectable interpolation filter for a complete set of input
data rates
1×, 2×, 3×, 4×, 6×, and 8× configurable data channel
interpolation
1×, 2×, 4×, 6×, 8×, and 12× configurable final interpolation
Final 48-bit NCO that operates at the DAC rate to support
frequency synthesis up to 6 GHz
Transmit enable function allows extra power saving and
downstream circuitry protection
High performance, low noise PLL clock multiplier
Supports 12.6 GSPS DAC update rate
Observation ADC clock driver with selectable divide ratios
Low power
2.54 W with 2 DACs at 12 GSPS, DAC PLL on
10 mm × 10 mm, 144-ball BGA_ED with metal enhanced
thermal lid, 0.80 mm pitch
APPLICATIONS
Wireless communications infrastructure
Multiband base station radios
Microwave/E-band backhaul systems
Instrumentation, automatic test equipment (ATE)
Radars and jammers
GENERAL DESCRIPTION
The AD9174 is a high performance, dual, 16-bit digital-to-analog
converter (DAC) that supports DAC sample rates up to 12.6 GSPS.
The device features an 8-lane, 15.4 Gbps JESD204B data input
port, a high performance, on-chip DAC clock multiplier, and
digital signal processing capabilities targeted at single-band and
multiband direct to radio frequency (RF) wireless applications.
The AD9174 features three complex data input channels per RF
DAC datapath. Each input channel is fully bypassable. Each data
input channel (or channelizer) includes a configurable gain
stage, an interpolation filter, and a channel numerically controlled
oscillator (NCO) for flexible, multiband frequency planning.
The AD9174 supports an input data rate of up to a 3.08 GSPS
complex (inphase/quadrature (I/Q)), or up to 6.16 GSPS non-
complex (real), and is capable of allocating multiple complex input
data streams to the assigned channels for individual processing.
Each group of three channelizers is summed into a respective
main datapath for additional processing when needed. Each main
datapath includes an interpolation filter and one 48-bit main NCO
ahead of the RF DAC core. Using the modulator switch, the outputs
of a main datapath can be either routed to DAC0 alone for
operating as a single DAC, or routed to both DAC0 and DAC1
for operating as a dual, intermediate frequency DAC (IF DAC).
The AD9174 also supports ultrawide data rate modes that allow
bypassing the channelizers and main datapaths to provide
maximum data rates of up to 6.16 GSPS as a single, 16-bit DAC,
up to 3.08 GSPS as a dual, 16-bit DAC, or up to 4.1 GSPS as a
dual, 12-bit DAC.
Additionally, the main NCO blocks in the AD9174 contain a bank
of 31, 32-bit NCOs, each with an independent phase accumulator.
Combined with a 80 MHz serial peripheral interface (SPI) for
programming the NCOs, this bank allows a phase coherent, fast
frequency hopping (FFH) for applications where the NCO
frequencies are continuously adjusted during operation.
The AD9174 is available in a 144-ball BGA_ED package.
PRODUCT HIGHLIGHTS
1. A low power, multichannel, dual DAC design reduces
power consumption in higher bandwidth and multichannel
applications, while maintaining performance.
2. Supports single-band and multiband wireless applications
with three bypassable complex data channels per RF DAC,
or configurations that use the two main datapaths as two
wideband complex data channels when using the built in
modulator switch.
3. A maximum complex data rate (per I or Q) of up to 3.08 GSPS
with 16-bit resolution, and up to 4.1 GSPS with 12-bit
resolution. The AD9174 can be alternatively configured as
a dual DAC, with each DAC operating across an independent
JESD204B link, at the previously described data rates.
4. Ultrawide bandwidth single-DAC modes, supporting up to
6.16 GSPS data rates with 16-bit resolution.


Similar Part No. - AD9174

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9174 AD-AD9174 Datasheet
2Mb / 163P
Dual, 16-Bit, 12.6 GSPS RF DAC and Direct Digital Synthesizer
11/2018-Revision 0
AD9174 AD-AD9174 Datasheet
1Mb / 165P
Dual, 16-Bit, 12.6 GSPS RF DAC and Direct Digital Synthesizer
Rev. B
AD9174-FMC-EBZ AD-AD9174-FMC-EBZ Datasheet
2Mb / 163P
Dual, 16-Bit, 12.6 GSPS RF DAC and Direct Digital Synthesizer
11/2018-Revision 0
AD9174-FMC-EBZ AD-AD9174-FMC-EBZ Datasheet
1Mb / 165P
Dual, 16-Bit, 12.6 GSPS RF DAC and Direct Digital Synthesizer
Rev. B
AD9174BBPZ AD-AD9174BBPZ Datasheet
2Mb / 163P
Dual, 16-Bit, 12.6 GSPS RF DAC and Direct Digital Synthesizer
11/2018-Revision 0
More results

Similar Description - AD9174

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9915 AD-AD9915 Datasheet
877Kb / 48P
2.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
REV. A
AD9912BCPZ AD-AD9912BCPZ Datasheet
649Kb / 40P
1 GSPS Direct Digital Synthesizer with 14-Bit DAC
Rev. F
AD9914 AD-AD9914_16 Datasheet
1Mb / 45P
3.5 GSPS Direct Digital Synthesizer 12-Bit DAC
6/2016-Rev. E to Rev. F
AD9172 AD-AD9172 Datasheet
2Mb / 144P
Dual, 16-Bit, 12.6 GSPS RF DAC with Channelizers
6/2017-Revision 0
AD9173 AD-AD9173 Datasheet
2Mb / 142P
Dual, 16-Bit, 12.6 GSPS RF DAC with Channelizers
11/2017-Revision 0
AD9174 AD-AD9174 Datasheet
2Mb / 163P
Dual, 16-Bit, 12.6 GSPS RF DAC and Direct Digital Synthesizer
11/2018-Revision 0
AD9176 AD-AD9176 Datasheet
2Mb / 151P
Dual, 16-Bit, 12.6 GSPS RF DAC with Wideband Channelizers
11/2018-Revision 0
AD9175 AD-AD9175 Datasheet
3Mb / 150P
Dual, 11-Bit/16-Bit, 12.6 GSPS RF DAC with Wideband Channelizers
5/2019-Rev. 0 to Rev. A
AD9176 AD-AD9176_V01 Datasheet
2Mb / 151P
Dual, 16-Bit, 12.6 GSPS RF DAC
5/2019-Rev. 0 to Rev. A
AD9176S AD-AD9176S Datasheet
2Mb / 28P
Dual, 16-Bit, 12.6 GSPS RF DAC with Wideband Channelizers
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com