Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9174 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9174
Description  Dual, 16-Bit, 12.6 GSPS RF DAC and Direct Digital Synthesizer
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9174 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9174 Datasheet HTML 3Page - Analog Devices AD9174 Datasheet HTML 4Page - Analog Devices AD9174 Datasheet HTML 5Page - Analog Devices AD9174 Datasheet HTML 6Page - Analog Devices AD9174 Datasheet HTML 7Page - Analog Devices AD9174 Datasheet HTML 8Page - Analog Devices AD9174 Datasheet HTML 9Page - Analog Devices AD9174 Datasheet HTML 10Page - Analog Devices AD9174 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 164 page
background image
Data Sheet
AD9174
Rev. A | Page 7 of 164
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
Mode 3 (L = 2, M = 2,
NP = 16, N = 16)
11.7965 GSPS DAC rate, 184.32 MHz PLL reference clock, 24× total
interpolation (3×, 8×), 40 MHz tone at −3 dBFS, channel NCO disabled,
main NCO = 2.655 GHz, SYNCOUTx± in LVDS mode
AVDD1.0
All supply levels set to nominal values
725
mA
All supplies at 5% tolerance
775
mA
AVDD1.8
110
mA
DVDD1.0
Combined current consumption with the DAVDD1.0 supply
All supply levels set to nominal values
1020
mA
All supplies at 5% tolerance
1070
mA
DVDD1.8
35
mA
SVDD1.0
All supply levels set to nominal values
245
mA
All supplies at 5% tolerance
250
mA
Total Power
Dissipation
2.25
W
Mode 9 (L = 4, M = 2,
NP = 16, N = 16)
12 GSPS DAC rate, 187.5 MHz PLL reference clock, 8× total interpolation
(1×, 8×), 10 MHz tone at−3 dBFS, channel NCO disabled, main NCO =
3.072 GHz, SYNCOUTx± in LVDS mode
AVDD1.0
All supply levels set to nominal values
740
1030
mA
All supplies at 5% tolerance
785
1135
mA
AVDD1.8
110
130
mA
DVDD1.0
Combined current consumption with the DAVDD1.0 supply
All supply levels set to nominal values
1010
1580
mA
All supplies at 5% tolerance
1070
1740
mA
DVDD1.8
35
50
mA
SVDD1.0
All supply levels set to nominal values
530
840
mA
All supplies at 5% tolerance
550
910
mA
Total Power
Dissipation
2.54
3.63
W
Mode 2 (L = 3, M = 6,
NP = 16, N = 16)
12 GSPS DAC rate, 375 MHz PLL reference clock, 48× total interpolation
(6×, 8×), 30 MHz tone at −3 dBFS, channel gain = −11 dB, channel NCOs =
20 MHz, main NCO = 2.1 GHz
AVDD1.0
All supply levels set to nominal values
735
1030
mA
All supplies at 5% tolerance
785
1135
mA
AVDD1.8
110
130
mA
DVDD1.0
Combined current consumption with the DAVDD1.0 supply
mA
All supply levels set to nominal values
1370
1800
mA
All supplies at 5% tolerance
1460
1980
mA
DVDD1.8
35
50
mA
SVDD1.0
All supply levels set to nominal values
410
680
mA
All supplies at 5% tolerance
430
755
mA
Total Power
Dissipation
2.77
3.69
W
SINGLE-LINK MODES
Mode 20 (L = 8, M = 1,
NP = 16, N = 16)
6 GSPS DAC rate, 187.5 MHz PLL reference clock, 1× total interpolation
(1×, 1×), 1.8 GHz tone at −3 dBFS, channel and main NCOs disabled
AVDD1.0
All supply levels set to nominal values
400
670
mA
All supplies at 5% tolerance
430
745
mA
AVDD1.8
75
100
mA
DVDD1.0
Combined current consumption with the DAVDD1.0 supply
All supply levels set to nominal values
390
700
mA
All supplies at 5% tolerance
410
810
mA
DVDD1.8
35
50
mA
SVDD1.0
All supply levels set to nominal values
525
820
mA
All supplies at 5% tolerance
550
880
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com