Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9174 Datasheet(PDF) 68 Page - Analog Devices

Part # AD9174
Description  Dual, 16-Bit, 12.6 GSPS RF DAC and Direct Digital Synthesizer
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9174 Datasheet(HTML) 68 Page - Analog Devices

Back Button AD9174 Datasheet HTML 64Page - Analog Devices AD9174 Datasheet HTML 65Page - Analog Devices AD9174 Datasheet HTML 66Page - Analog Devices AD9174 Datasheet HTML 67Page - Analog Devices AD9174 Datasheet HTML 68Page - Analog Devices AD9174 Datasheet HTML 69Page - Analog Devices AD9174 Datasheet HTML 70Page - Analog Devices AD9174 Datasheet HTML 71Page - Analog Devices AD9174 Datasheet HTML 72Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 164 page
background image
AD9174
Data Sheet
Rev. A | Page 68 of 164
ANALOG INTERFACE
DAC INPUT CLOCK CONFIGURATIONS
The AD9174 DAC sample clock or device clock (DACCLK) can
be received directly through CLKIN± (Pin H12 and Pin J12) or
generated using an integer PLL/VCO, integrated on-chip, with the
reference clock provided through the same CLKIN± differential
input pins. The DACCLK serves as a reference for all the clock
domains within the AD9174.
The AD9174 uses a low jitter, differential clock receiver that is
capable of interfacing directly to a differential or single-ended
clock source. Because the input is self biased, with a nominal
impedance of 100 Ω, it is recommended that the clock source be
ac-coupled to the CLKIN± input pins. Phase noise performance
can be improved with higher clock input levels (larger swing,
resulting in higher effective slew rate), up to the recommended
maximum limits. Because the DACCLK is the sampling clock
for data within the analog cores (DACx), the quality of the clock
signal at the AD9174 clock input pins is paramount and directly
impacts the analog ac performance of the DAC. Select a clock
source with phase noise and spur characteristics that meet the
target application requirements. Generally, the use of a
PLL/VCO or other clock multipliers, internal or external to the
DAC, also multiplies the resulting phase noise (jitter). The best
phase noise performance is typically achieved using an external
clock running at the desired DAC clock rate, with the PLL/VCO
bypassed.
In cases where low phase noise is not a critical requirement, the
PLL/VCO provides a convenient way to operate the AD9174 at
DAC clock rates as high as 12.4 GHz without the need for
complex, multigigahertz clocking solutions, The PLL reference
frequency at CLKIN± can be typically orders of magnitude
lower than the operating DACCLK rate. The PLL then generates
a control voltage for a downstream VCO, which in effect
multiplies the reference clock up to the desired DACCLK
frequency.
The typical phase noise performance when the AD9174 is directly
clocked and the input clock duty cycle correction is on (enabled by
default) is shown in Figure 88, compared with the phase noise due
to the on-chip PLL/VCO.
–180
–160
–140
–120
–100
–80
–60
–40
–20
0
10
100
1k
10k
100k
1M
10M
100M
FREQUENCY OFFSET (Hz)
PLL OFF (DIRECT CLOCK)
PLL ON (PFD = 491.52MHz)
Figure 88. Phase Noise vs. Frequency Offset; Direct Clock and PLL Phase
Noise, 12 GHz DAC Sample Rate, 1.65 GHz Output Frequency
50Ω
50Ω
CLK+
CLK–
170kΩ
170kΩ
PLL/VCO
DCC0
DCC1
TO
DAC1
TO
DAC0
+
–
OPTIMIZED INPUT
BIAS
CLOCK/
PLL MUX
CLOCK/
PLL MUX
Figure 89. Clock Receiver Input Simplified Equivalent Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com