Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9174 Datasheet(PDF) 94 Page - Analog Devices

Part # AD9174
Description  Dual, 16-Bit, 12.6 GSPS RF DAC and Direct Digital Synthesizer
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9174 Datasheet(HTML) 94 Page - Analog Devices

Back Button AD9174 Datasheet HTML 90Page - Analog Devices AD9174 Datasheet HTML 91Page - Analog Devices AD9174 Datasheet HTML 92Page - Analog Devices AD9174 Datasheet HTML 93Page - Analog Devices AD9174 Datasheet HTML 94Page - Analog Devices AD9174 Datasheet HTML 95Page - Analog Devices AD9174 Datasheet HTML 96Page - Analog Devices AD9174 Datasheet HTML 97Page - Analog Devices AD9174 Datasheet HTML 98Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 164 page
background image
AD9174
Data Sheet
Rev. A | Page 94 of 164
15B
REGISTER DETAILS
Table 62. Register Details
Addr.
Name
Bits
Bit Name
Settings
Description
Reset
Access
0x000
SPI_INTFCONFA
7
SOFTRESET_M
Soft reset (mirror). Set this bit to mirror Bit 0.
0x0
R
6
LSBFIRST_M
LSB first (mirror). Set this bit to mirror Bit 1.
0x0
R
5
ADDRINC_M
Address increment (mirror). Set this bit to
mirror Bit 2.
0x0
R
4
SDOACTIVE_M
SDO active (mirror). Set this bit to mirror Bit 3. 0x0
R
3
SDOACTIVE
SDO active. Enables 4-wire SPI bus mode.
0x0
R/W
2
ADDRINC
Address increment. When set, this bit
causes incrementing streaming addresses;
otherwise, descending addresses are
generated.
0x0
R/W
1
Streaming addresses are incremented.
0
Streaming addresses are decremented.
1
LSBFIRST
LSB first. When set, this bit causes SPI input
and output data to be oriented as LSB first.
If this bit is clear, data is oriented as MSB first.
0x0
R/W
1
Shift LSB in first.
0
Shift MSB in first.
0
SOFTRESET
Soft reset. This bit automatically clears to 0
after performing a reset operation. Setting
this bit initiates a reset. This bit autoclears
after the soft reset is complete.
0x0
R/W
1
Pulse the soft reset line.
0
Reset the soft reset line.
0x001
SPI_INTFCONFB
7
SINGLEINS
Single instruction.
0x0
R/W
1
Perform single transfers.
0
Perform multiple transfers.
6
A
CSE
A
STALL
A
CSE
A
stalling.
0x0
R/W
0
Disable
A
CSE
A
stalling.
1
Enable
A
CSE
A
stalling.
[5:0]
RESERVED
Reserved.
0x0
R/W
0x003
SPI_CHIPTYPE
[7:0]
CHIP_TYPE
Chip type.
0x4
R
0x004
SPI_PRODIDL
[7:0]
PROD_ID[7:0]
Product ID. Updated once the bootloader
completes
0x72
R
0x005
SPI_PRODIDH
[7:0]
PROD_ID[15:8]
Product ID. Updated once the bootloader
completes
0x91
R
0x006
SPI_CHIPGRADE
[7:4]
PROD_GRADE
Product grade.
0x0
R
[3:0]
DEV_REVISION
Device revision.
0x4
R
0x008
SPI_PAGEINDX
[7:6]
MAINDAC_PAGE
Sets the main DAC paging. Each high bit in
this field pages a DAC starting at the LSB.
Both main DACs can be paged and
programmed at the same time if desired.
0x3
R/W
[5:0]
CHANNEL_PAGE
Sets channel paging. Each high bit in this
field pages a complex channel starting at
the LSB. Multiple channels can be paged
and programmed at a time if desired.
0x3F
R/W
0x00A
SPI_SCRATCHPAD
[7:0]
SCRATCHPAD
Scratch pad read/write register.
0x0
R/W
0x010
CHIP_ID_L
[7:0]
CHIP_ID[7:0]
Chip ID serial number.
0x0
R
0x011
CHIP_ID_M1
[7:0]
CHIP_ID[15:8]
Chip ID serial number.
0x0
R
0x012
CHIP_ID_M2
[7:0]
CHIP_ID[23:16]
Chip ID serial number.
0x0
R
0x013
CHIP_ID_H
[7:0]
CHIP_ID[31:24]
Chip ID serial number.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com