Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9174 Datasheet(PDF) 60 Page - Analog Devices

Part # AD9174
Description  Dual, 16-Bit, 12.6 GSPS RF DAC and Direct Digital Synthesizer
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9174 Datasheet(HTML) 60 Page - Analog Devices

Back Button AD9174 Datasheet HTML 56Page - Analog Devices AD9174 Datasheet HTML 57Page - Analog Devices AD9174 Datasheet HTML 58Page - Analog Devices AD9174 Datasheet HTML 59Page - Analog Devices AD9174 Datasheet HTML 60Page - Analog Devices AD9174 Datasheet HTML 61Page - Analog Devices AD9174 Datasheet HTML 62Page - Analog Devices AD9174 Datasheet HTML 63Page - Analog Devices AD9174 Datasheet HTML 64Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 164 page
background image
AD9174
Data Sheet
Rev. A | Page 60 of 164
Table 46. Main Datapath NCO FTW Registers
Address
Value
Description
0x114
DDSM_FTW[7:0]
8 LSBs of FTW
0x115
DDSM_FTW[15:8]
Next 8 bits of FTW
0x116
DDSM_FTW[23:16]
Next 8 bits of FTW
0x117
DDSM_FTW[31:24]
Next 8 bits of FTW
0x118
DDSM_FTW[39:32]
Next 8 bits of FTW
0x119
DDSM_FTW[47:40]
8 MSBs of FTW
Unlike other NCO control registers, the FTW registers are not
applied to the NCO block immediately on writing the control
register. Instead, the FTW registers are applied (reset) on the
rising edge of DDSM_FTW_LOAD_REQ (Register 0x113, Bit 0).
After an update request, DDSM_FTW_LOAD_ACK
(Register 0x113, Bit 1) must indicate a high status to
acknowledge that the FTW is updated.
The DDSC_SEL_SIDEBAND bit Register 0x112, Bit 1 = 0b1)
is a convenience bit that controls whether the lower or upper
sideband of the modulated data is used, which is equivalent to
flipping the sign of the FTW.
INTERPOLATION
INTERPOLATION
NCO
1
0
–1
COS(ωn + θ)
θ
ω
π
SIN(ωn + θ)
I DATA
Q DATA
DDSM_FTW[47:0]
DDSM_SEL_SIDEBAND
OUT_I
OUT_Q
+
–
DDSM_NCO_PHASE_OFFSET
[15:0]
Figure 79. NCO Modulator Block Diagram, Main Datapath Modulus NCO
Mode (DDS)
Each of the main datapath 48-bit NCOs can also be used in a
dual modulus mode to create fractional frequencies beyond the
48-bit accuracy. The modulus mode is enabled by programming
the DDSM_MODULUS_EN bit in the DDSM_DATAPATH_
CFG register to 1 (Register 0x112, Bit 2 = 0b1).
The main datapath modulus NCOs are of a similar architecture to
the channel modulus NCOs, and the X (FTW), A, and B values are
calculated in a similar manner:
48
,
2
CARRIER
NCO CLK
A
X
f
M
B
fN
+
=
=
where:
X is the FTW, programmed in Register 0x114 to Register 0x119.
A is programmed in Register 0x12A to Register 0x12F.
B is programmed in Register 0x124 to Register 0x129.
For more details and examples, see the Channel Modulus NCO
Mode (Direct Digital Synthesis (DDS) Mode) section. The main
datapath NCOs operate at a higher clock rate (fNCO, CLK) than the
channel NCOs, and are addressed from a different set of SPI
registers.
NCO Reset
Resetting the main datapath NCOs can be useful when determ-
ining the start time and phase of an NCO. Each NCO can be
configured to reset in response to one of several events: a direct
request via SPI (Register 0x113, Bit 0), a change to one of the
FTW register values, or on the next SYSREF± rising edge. The
reset method is controlled by Register 0x113. See the detailed
description of Register 0x113 in Table 62 for more information.
Fast Frequency Hopping (FFH)
Each main datapath NCO in the AD9174 has several features
that allow FFH between preconfigured carrier frequencies. The
main 48-bit NCO is a general-purpose NCO, combined with a
bank of 31 FFH NCOs, with 32 bits each.
FFH NCO
Each FFH NCO is implemented within the main 48-bit NCO,
with an associated bank of 31 FTWs located in Register 0x806 to
Register 0x881. The FTW registers can be preloaded with tuning
words that are loaded into the hopping frequency register bank
when the particular NCO is reset. Any of the 32 FTWs can be
selected by a single register write to the HOPF_SEL bits in the
DDSM_HOPF_CTRL register (Register 0x800, Bits[4:0]). The
manner in which the phase of a particular NCO transitions as it
hops between carrier frequencies is determined by the NCO
frequency change mode. These modes include phase continuous
hopping, phase discontinuous hopping, and phase coherent
hopping. The hopping modes are controlled by Register 0x800,
Bits[7:6], as described in Table 47.
Table 47. NCO Frequency Change Mode
Register 0x800, Bits[7:6]
Description
0b00
Phase continuous switch
0b01
Phase discontinuous switch (reset
NCO accumulator)
0b10
Phase coherent switch
In phase discontinuous mode, the FTW of the NCO is updated
and the phase accumulator is reset, resulting in an abrupt phase
change each time the NCO hops to a new frequency. The
discontinuous phase may result in an undesirable glitch at the
transition point. Alternatively, in phase continuous switching,
the frequency tuning word of the NCO is updated, while the
main phase accumulator maintains count throughout the
update, resulting in a smooth phase transition between carrier
frequencies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com