Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9174 Datasheet(PDF) 85 Page - Analog Devices

Part # AD9174
Description  Dual, 16-Bit, 12.6 GSPS RF DAC and Direct Digital Synthesizer
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9174 Datasheet(HTML) 85 Page - Analog Devices

Back Button AD9174 Datasheet HTML 81Page - Analog Devices AD9174 Datasheet HTML 82Page - Analog Devices AD9174 Datasheet HTML 83Page - Analog Devices AD9174 Datasheet HTML 84Page - Analog Devices AD9174 Datasheet HTML 85Page - Analog Devices AD9174 Datasheet HTML 86Page - Analog Devices AD9174 Datasheet HTML 87Page - Analog Devices AD9174 Datasheet HTML 88Page - Analog Devices AD9174 Datasheet HTML 89Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 164 page
background image
Data Sheet
AD9174
Rev. A | Page 85 of 164
Reg.
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
RW
0x1E5
DDSM_CAL_
FTW3
DDSM_CAL_FTW[31:24]
0x00
R/W
0x1E6
DDSM_CAL_
MODE_DEF
RESERVED
DDSM_EN_
CAL_ACC
DDSM_EN_
CAL_DC_
INPUT
DDSM_EN_
CAL_
FREQ_
TUNE
0x00
R/W
0x1E7
DATAPATH_
NCO_
SYNC_CFG
RESERVED
ALL_NCO_
SYNC_ACK
START_
NCO_SYNC
0x00
R/W
0x200
MASTER_PD
RESERVED
SERDES_
MASTER_PD
0x01
R/W
0x201
PHY_PD
PHY_PD
0xEE
R/W
0x203
GENERIC_PD
RESERVED
PD_
SYNCOUT0
PD_
SYNCOUT1
0x01
R/W
0x206
CDR_RESET
RESERVED
CDR_PHY_
RESET
0x00
R/W
0x210
CBUS_ADDR
SERDES_CBUS_ADDR
0x00
R/W
0x212
CBUS_
WRSTROBE_PHY
SERDES_CBUS_WR0
0x00
R/W
0x213
CBUS_
WRSTROBE_
OTHER
RESERVED
SERDES_
CBUS_WR1
0x00
R/W
0x216
CBUS_WDATA
SERDES_CBUS_DATA
0x00
R/W
0x234
CDR_
BITINVERSE
SEL_IF_PARDATAINV_DES_RC_CH
0x66
R/W
0x240
EQ_BOOST_
PHY_3_0
EQ_BOOST_PHY3
EQ_BOOST_PHY2
EQ_BOOST_PHY1
EQ_BOOST_PHY0
0xFF
R/W
0x241
EQ_BOOST_
PHY_7_4
EQ_BOOST_PHY7
EQ_BOOST_PHY6
EQ_BOOST_PHY5
EQ_BOOST_PHY4
0xFF
R/W
0x242
EQ_GAIN_
PHY_3_0
EQ_GAIN_PHY3
EQ_GAIN_PHY2
EQ_GAIN_PHY1
EQ_GAIN_PHY0
0xFF
R/W
0x243
EQ_GAIN_
PHY_7_4
EQ_GAIN_PHY7
EQ_GAIN_PHY6
EQ_GAIN_PHY5
EQ_GAIN_PHY4
0xFF
R/W
0x244
EQ_FB_PHY_0
RESERVED
EQ_PHY_0
0x19
R/W
0x245
EQ_FB_PHY_1
RESERVED
EQ_PHY1
0x19
R/W
0x246
EQ_FB_PHY_2
RESERVED
EQ_PHY2
0x19
R/W
0x247
EQ_FB_PHY_3
RESERVED
EQ_PHY3
0x19
R/W
0x248
EQ_FB_PHY_4
RESERVED
EQ_PHY4
0x19
R/W
0x249
EQ_FB_PHY_5
RESERVED
EQ_PHY5
0x19
R/W
0x24A
EQ_FB_PHY_6
RESERVED
EQ_PHY6
0x19
R/W
0x24B
EQ_FB_PHY_7
RESERVED
EQ_PHY7
0x19
R/W
0x250
LBT_REG_
CNTRL_0
EN_LBT_DES_RC_CH
0x00
R/W
0x251
LBT_REG_
CNTRL_1
RESERVED
EN_LBT_
HALFRATE_
DES_RC
INIT_LBT_
SYNC_
DES_RC
0x02
R/W
0x253
SYNCOUT0_
CTRL
RESERVED
SEL_
SYNCOUT0
_MODE
0x00
R/W
0x254
SYNCOUT1E
A
_
CTRL
RESERVED
SEL_
A
SYNCOUT1E
A
_MODE
0x00
R/W
0x280
PLL_ENABLE_
CTRL
RESERVED
LOLSTICKY-
CLEAR_
LCPLL_RC
LDSYNTH_
LCPLL_RC
SERDES_
PLL_
STARTUP
0x01
R/W
0x281
PLL_STATUS
RESERVED
SERDES_
PLL_LOCK
0x00
R
0x300
GENERAL_JRX_
CTRL_0
RESERVED
LINK_MODE
LINK_PAGE
LINK_EN
0x00
R/W
0x302
DYN_LINK_
LATENCY_0
RESERVED
DYN_LINK_LATENCY_0
0x00
R
0x303
DYN_LINK_
LATENCY_1
RESERVED
DYN_LINK_LATENCY_1
0x00
R
0x304
LMFC_DELAY_0
RESERVED
LMFC_DELAY_0
0x00
R/W
0x305
LMFC_DELAY_1
RESERVED
LMFC_DELAY_1
0x00
R/W
0x306
LMFC_VAR_0
RESERVED
LMFC_VAR_0
0x3F
R/W
0x307
LMFC_VAR_1
RESERVED
LMFC_VAR_1
0x3F
R/W
0x308
XBAR_LN_0_1
RESERVED
LOGICAL_LANE1_SRC
LOGICAL_LANE0_SRC
0x08
R/W
0x309
XBAR_LN_2_3
RESERVED
LOGICAL_LANE3_SRC
LOGICAL_LANE2_SRC
0x1A
R/W
0x30A
XBAR_LN_4_5
RESERVED
LOGICAL_LANE5_SRC
LOGICAL_LANE4_SRC
0x2C
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com