Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC8151 Datasheet(PDF) 5 Page - Vitesse Semiconductor Corporation

Part # VSC8151
Description  2.488Gb/s SONET/SDH STS-48/STM-16 Section Terminator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8151 Datasheet(HTML) 5 Page - Vitesse Semiconductor Corporation

  VSC8151 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC8151 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC8151 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC8151 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC8151 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC8151 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC8151 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC8151 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC8151 Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
© VITESSE SEMICONDUCTOR CORPORATION
Page 5
12/1/99
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
VITESSE
SEMICONDUCTOR CORPORATION
Advance Product Information
VSC8151
2.488Gb/s SONET/SDH
STS-48/STM-16 Section Terminator
G52225-0, Rev. 2.9
If the user chooses to use the CDR as a timing source even during AIS mode, the output of the CDR can be
connected single ended to both RXSCLKIN and TXSCLKIN, or a multi-drop connection can be made differen-
tially.
Figure 4: VSC8151 using CDR as Transmit Timing Source
SONET/SDH Monitoring Circuitry Overview
The monitoring circuitry provides SONET/SDH compliant framing and framing alarms, as well as detect-
ing B1 and B2 parity errors and transport overhead byte output.
Framing
The frame acquisition algorithm determines the in-frame/out-of-frame status of the receiver. Out-of-frame
is defined as a state where the frame boundaries of the received SONET/SDH signal are unknown, i.e. after sys-
tem reset or if for some reason the receiver looses synchronization, e.g. due to ‘bit slips’. In-frame is defined as
a state where the frame boundaries are known.
The receiver monitors the frame synchronization by checking for the presence of a portion of the A1/A2
framing pattern every 125uS. If one or more bit errors are detected in the expected A1/A2 framing pattern out-
put RXFRERR (active high) will be asserted (See Figure 5). If framing pattern errors are detected for four con-
secutive frames a Severely Errored Frame (SEF) alarm will be asserted on output RXSEF (active high) (R5-
223).
Clock and
Data Recovery
2.488Gb/s Data
622Mb/s Data
155MB/s Data
2.488GHz Clock
622MHz Clock
155MHz Clock
Demux &
Monitor
Logic
SEF/LOF ALARMS
Modify
Logic
AIS State
Machine
Mux &
Frame
Assembly
Logic
AIS Insert
Received
Data
CMU
Reference
Generator
AIS Reference
155/78 MHz
AIS Reference
78 MHz
VSC8122
2.488GHz Clock
622MHz Clock
155MHz Clock
RXSIN+/-
RXSCLKIN+/-
TXSOUT+/-
TXSCLKOUT+/-
TXSCLKIN+/-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com