Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC8151 Datasheet(PDF) 27 Page - Vitesse Semiconductor Corporation

Part # VSC8151
Description  2.488Gb/s SONET/SDH STS-48/STM-16 Section Terminator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8151 Datasheet(HTML) 27 Page - Vitesse Semiconductor Corporation

Back Button VSC8151 Datasheet HTML 22Page - Vitesse Semiconductor Corporation VSC8151 Datasheet HTML 23Page - Vitesse Semiconductor Corporation VSC8151 Datasheet HTML 24Page - Vitesse Semiconductor Corporation VSC8151 Datasheet HTML 25Page - Vitesse Semiconductor Corporation VSC8151 Datasheet HTML 26Page - Vitesse Semiconductor Corporation VSC8151 Datasheet HTML 27Page - Vitesse Semiconductor Corporation VSC8151 Datasheet HTML 28Page - Vitesse Semiconductor Corporation VSC8151 Datasheet HTML 29Page - Vitesse Semiconductor Corporation VSC8151 Datasheet HTML 30Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
© VITESSE SEMICONDUCTOR CORPORATION
Page 27
12/1/99
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
VITESSE
SEMICONDUCTOR CORPORATION
Advance Product Information
VSC8151
2.488Gb/s SONET/SDH
STS-48/STM-16 Section Terminator
G52225-0, Rev. 2.9
Package Information
Notes: 1)
Drawing is not to scale
2)
All dimensions in mm
3)
Package represented is
also used for the 144,
184, & 208 PQFP packages.
Pin count drawn does
not reflect the 160 package.
A2
e
A
10 TYP.
10 TYP.
EXPOSED HEATSINK
20.32 +/- .50 DIA.
HEATSINK INSTRUSION
E
E1
D1
D
Pin 160
Pin 1
0.17 MAX.
A
A1
0.25
L
b
.
.
STANDOFF
q
R
R1
LEAD COPLANARITY
Key
mm
Tolerance
A4.10
MAX
A1
0.25
MIN
A2
3.49
±0.10
D
31.20
±0.20
D1
28,00
±0.10
E
31.20
±0.20
E1
28.00
±0.10
L
0.88
+.15/–.10
e0.65
BASIC
b0.30
±0.05
θ
0-7°
R.30
TYP
R1
.20
TYP
Notes:
(1) Drawing not to scale
Package #101-285-5, Issue #1
160 Plastic Quad Flat Pack



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com