Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC8151 Datasheet(PDF) 28 Page - Vitesse Semiconductor Corporation

Part # VSC8151
Description  2.488Gb/s SONET/SDH STS-48/STM-16 Section Terminator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8151 Datasheet(HTML) 28 Page - Vitesse Semiconductor Corporation

Back Button VSC8151 Datasheet HTML 22Page - Vitesse Semiconductor Corporation VSC8151 Datasheet HTML 23Page - Vitesse Semiconductor Corporation VSC8151 Datasheet HTML 24Page - Vitesse Semiconductor Corporation VSC8151 Datasheet HTML 25Page - Vitesse Semiconductor Corporation VSC8151 Datasheet HTML 26Page - Vitesse Semiconductor Corporation VSC8151 Datasheet HTML 27Page - Vitesse Semiconductor Corporation VSC8151 Datasheet HTML 28Page - Vitesse Semiconductor Corporation VSC8151 Datasheet HTML 29Page - Vitesse Semiconductor Corporation VSC8151 Datasheet HTML 30Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 28 / 30 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Advance Product Information
VSC8151
2.488Gb/s SONET/SDH
STS-48/STM-16 Section Terminator
Page 28
© VITESSE SEMICONDUCTOR CORPORATION
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
12/1/99
G52225-0, Rev. 2.9
Package Thermal Characteristics
The VSC8151 is packaged in an 160 pin, 28mm x 28mm thermally enhanced PQFP (EDQUAD) with an
exposed heatsink. These packages use industry-standard JDEC footprints, but have been enhanced to improve
thermal dissipation. The construction of the packages are as shown in Figure 13. A heat sink may be necessary
depending on the ambient temperature and airflow available in your system. Commercially available heatsinks
are available to improve
θ
ca so that the case temperature is kept within the 85C specification.
Figure 17: Package Cross Section
Table 21: 160-Pin Enhanced PQFP Thermal Resistance
Symbol
Description
Value
Units
θ
ca-0
Thermal resistance from case to ambient, still air
24
oC/W
θ
ca-1
Thermal resistance from case to ambient, 1 m/sec air
14
oC/W
θ
ca-2
Thermal resistance from case to ambient, 2 m/sec air
11
oC/W
θ
ca-4
Thermal resistance from case to ambient, 3 m/sec air
10
oC/W
Lead
Die
Plastic Molding
Insulator
Wire Bond
Exposed Heat Slug



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com