| Electronic Components Datasheet Search |
|
VSC8151 Datasheet(PDF) 6 Page - Vitesse Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
VSC8151 Datasheet(HTML) 6 Page - Vitesse Semiconductor Corporation |
|
6 / 30 page ![]() VITESSE SEMICONDUCTOR CORPORATION Advance Product Information VSC8151 2.488Gb/s SONET/SDH STS-48/STM-16 Section Terminator Page 6 © VITESSE SEMICONDUCTOR CORPORATION 741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896 12/1/99 G52225-0, Rev. 2.9 Figure 5: Functional Block Diagram of Frame Acquisition Circuit The frame boundary detection/verification is based on 12, 24 or 48 bits of the A1/A2 overhead (See Figure 6) depending on the setting of the FRDET register (See Table 2). Frame acquisition procedures are con- trolled by the settings of the FRDET register. Reframing can be controlled manually or reframing can automati- cally be initiated by the presence of an SEF signal. Using SEF as an indicator that reframe is necessary will achieve realignment within 250uS or the receipt of two error free framing patterns (R5-225) A frame detect based on 24 bits will result in an SEF alarm at an average of no more than once every 6 min- utes assuming a BER of 10-3 (R5-224). A frame detect based on 48 bits or 12 bits will result in a mean time between SEF detects of 0.43 minutes and 103 minutes respectively. Figure 6: Frame Detection Patterns Loss of Signal The LOS (Loss of Signal, active high) input should be asserted whenever the interfacing module no longer generates a valid electrical signal on the high speed clock and/or data lines of the VSC8151. If the clock signal is present when the LOS input is asserted the VSC8151 will assert SEF and other outputs will become invalid. If the input clock is not present, then the transition of the LOS input will not be detected and the part is effectively frozen. Asserting LOS will force SEF (Severely Errored Frame) and LOF (Loss of Frame) high, and force all 0’s to be output from the device, regardless of the input. 1:8 DMX FRAME DET BYTE ALIGN ERROR/ALARM DETECTION FRAME SYNC. COUNTER RXFRERR RXSEF RXLOF Aligned Output RESYNC FRD SL1 SL0 RXSIN RXFPOUT A1 (0xF6) A1 (0xF6) A1 (0xF6) A2 (0x28) A2 (0x28) A2 (0x28) 48 bits 24 bits 12 bits |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |