Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC8151 Datasheet(PDF) 12 Page - Vitesse Semiconductor Corporation

Part # VSC8151
Description  2.488Gb/s SONET/SDH STS-48/STM-16 Section Terminator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8151 Datasheet(HTML) 12 Page - Vitesse Semiconductor Corporation

Back Button VSC8151 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC8151 Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC8151 Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC8151 Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC8151 Datasheet HTML 12Page - Vitesse Semiconductor Corporation VSC8151 Datasheet HTML 13Page - Vitesse Semiconductor Corporation VSC8151 Datasheet HTML 14Page - Vitesse Semiconductor Corporation VSC8151 Datasheet HTML 15Page - Vitesse Semiconductor Corporation VSC8151 Datasheet HTML 16Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Advance Product Information
VSC8151
2.488Gb/s SONET/SDH
STS-48/STM-16 Section Terminator
Page 12
© VITESSE SEMICONDUCTOR CORPORATION
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
12/1/99
G52225-0, Rev. 2.9
Configuration Register Definitions
1.
OC12 | OC3 Multi-rate configuration control
0 | 0
=
STS-48 / STM-16 Mode
0 | 1
=
STS-3 / STM-1 Mode
1 | 0
=
STS-12 / STM4 Mode
1 | 1
=
Invalid
2.
FRD0
Allows manual control of framing behavior. FRD0 state controls whether the device is actively
searching for a frame boundary. Manual control will only function if FRD1 is set to a ‘1’.
0
=
Do not perform frame boundary acquisition
1
=
Attempt frame boundary acquisition
3.
FRD1
Determines whether reframing is automatically performed or controlled by the setting of the
FRD0 register. Automatic reframing uses the status of the SEF output to determine whether
reframing needs to take place, forcing frame acquisition as long as SEF is detected.
0
=
Frame acquisition is performed upon detection of SEF
1
=
Frame Acquisition is controlled manually
4.
SL1 | SL0
Controls detection width of A1/A2 boundary
0 | 0
=
Search for 12 bit pattern: h’F62
0 | 1
=
Search for 48 bit pattern: h’F6F6F6282828
1 | 0
=
Search for 24 bit pattern: h’F6F628
1 | 1
=
Do not search for start of frame.
5.
AIS
AIS Insertion mode
0
=
Retransmit received data
1
=
Replace received data with internally generated AIS
6.
B2G
=
In AIS mode if this bit is set to a "1", B2 calculation on #1 STS-1
frame is performed. If this bit is set to "0", the B2 field of the
#1 STS-1 AIS frame is set to 8’hFF.
7.
DP
Disable 16-bit PECL output bus RXPOUT[15:0]. The user should leave these outputs un-ter-
minated to reduce power consumption and noise if they are disabled.
0
=
Enable RXPOUT[15:0]
1
=
Disable RXPOUT[15:0].
8.
PT
Pass Through Mode.
0
=
Normal Operation
1
=
Disable modification of overhead bytes & BIP recalculation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com