Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC8151 Datasheet(PDF) 20 Page - Vitesse Semiconductor Corporation

Part # VSC8151
Description  2.488Gb/s SONET/SDH STS-48/STM-16 Section Terminator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8151 Datasheet(HTML) 20 Page - Vitesse Semiconductor Corporation

Back Button VSC8151 Datasheet HTML 16Page - Vitesse Semiconductor Corporation VSC8151 Datasheet HTML 17Page - Vitesse Semiconductor Corporation VSC8151 Datasheet HTML 18Page - Vitesse Semiconductor Corporation VSC8151 Datasheet HTML 19Page - Vitesse Semiconductor Corporation VSC8151 Datasheet HTML 20Page - Vitesse Semiconductor Corporation VSC8151 Datasheet HTML 21Page - Vitesse Semiconductor Corporation VSC8151 Datasheet HTML 22Page - Vitesse Semiconductor Corporation VSC8151 Datasheet HTML 23Page - Vitesse Semiconductor Corporation VSC8151 Datasheet HTML 24Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Advance Product Information
VSC8151
2.488Gb/s SONET/SDH
STS-48/STM-16 Section Terminator
Page 20
© VITESSE SEMICONDUCTOR CORPORATION
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
12/1/99
G52225-0, Rev. 2.9
DC Characteristics
Table 16: High-Speed Differential Inputs and Outputs (HSPECL)
Table 17: Low-Speed Parallel LVPECL Inputs and Outputs
Note: (1) External Reference (VREF) = VTTL -1.32V ± 25mV.
(2) Load = 50
Ω to V
TTL -2.0V.
(3) External VREF current is 50
µA per Input.
Table 18: TTL Inputs and Outputs
Table 19: Power Supply Currents (+2V/+3.3V Supplies, Outputs Open)
Parameter
Description
Min
Typ
Max
Units
Conditions
V
ODATA
Data Output differential
voltage
(Peak to Peak, Single-ended)
550
—
1200
mV
Load = 100 Ohms
across TXSOUT+/– at
load
V
OCLK
Clock Output differential
voltage
(Peak to Peak, Single-ended)
450
—
1200
mV
Load = 100 Ohms
across TXCLKOUT+/–
at load
V
OCM
Output common-mode
voltage
2100
—
3000
mV
Load = 100 Ohms
across diff pair
R
O
Output Impedance
40
—
60
ohms
Guaranteed, not tested.
V
ID
Input differential voltage
450
—
—
mV
AC Coupled, internally
biased to VTTL/2
Parameter
Description
Min
Typ
Max
Units
Conditions
V
OH
Output HIGH voltage
VTTL-1020
—
VTTL-700
mV
—
V
OL
Output LOW voltage
VTTL-2000
—
VTTL-1620
mV
—
V
IH
Input HIGH voltage
VTTL-1165
—
VTTL-700
mV
—
V
IL
Input LOW voltage
VTTL-2000
—
VTTL-1475
mV
—
IIH
Input HIGH current
—
—
200
µAV
IN = VIH (max)
IIL
Input LOW current
-50
—
—
µAV
IN = VIL (min)
Parameter
Description
Min
Typ
Max
Units
Conditions
V
OH
Output HIGH voltage
2.4
—
—
V
IOH = -8mA
V
OL
Output LOW voltage
0
—
0.4
V
IOL = 8mA
V
IH
Input HIGH voltage
2.0
—
VTTL + 1.0V
V
—
V
IL
Input LOW voltage
0
—
0.8
V
—
IIH
Input HIGH current
-
—
500
µAV
IN = 2.4V
IIL
Input LOW current
-50
—
—
µAV
IN = 0.4V
Parameter
Description
(Max)
Units
ITTL
Power supply current from VTTL
380
mA
IMM
Power supply current from VMM
1100
mA
PD
Power dissipation
3.6
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com