Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC8151 Datasheet(PDF) 23 Page - Vitesse Semiconductor Corporation

Part # VSC8151
Description  2.488Gb/s SONET/SDH STS-48/STM-16 Section Terminator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8151 Datasheet(HTML) 23 Page - Vitesse Semiconductor Corporation

Back Button VSC8151 Datasheet HTML 19Page - Vitesse Semiconductor Corporation VSC8151 Datasheet HTML 20Page - Vitesse Semiconductor Corporation VSC8151 Datasheet HTML 21Page - Vitesse Semiconductor Corporation VSC8151 Datasheet HTML 22Page - Vitesse Semiconductor Corporation VSC8151 Datasheet HTML 23Page - Vitesse Semiconductor Corporation VSC8151 Datasheet HTML 24Page - Vitesse Semiconductor Corporation VSC8151 Datasheet HTML 25Page - Vitesse Semiconductor Corporation VSC8151 Datasheet HTML 26Page - Vitesse Semiconductor Corporation VSC8151 Datasheet HTML 27Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
© VITESSE SEMICONDUCTOR CORPORATION
Page 23
12/1/99
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
VITESSE
SEMICONDUCTOR CORPORATION
Advance Product Information
VSC8151
2.488Gb/s SONET/SDH
STS-48/STM-16 Section Terminator
G52225-0, Rev. 2.9
NC
33
—
—
Leave Unconnected
NC
34
—
—
Leave Unconnected
NC
35
—
—
Leave Unconnected
NC
36
—
—
Leave Unconnected
VMM
37
PWR
+2.0V
VEE
38
PWR
GND
VCC
39
PWR
+3.3V
EQULOOP
40
I
TTL
RXPIN[15:0] parallel bus input enable. Tie low to use serial input
NC
41
—
—
Leave Unconnected
NC
42
—
—
Leave Unconnected
RXPIN15
43
I
PECL
16 bit PECL input bus
RXPIN14
44
I
PECL
16 bit PECL input bus
RXPIN13
45
I
PECL
16 bit PECL input bus
RXPIN12
46
I
PECL
16 bit PECL input bus
RXPIN11
47
I
PECL
16 bit PECL input bus
RXPIN10
48
I
PECL
16 bit PECL input bus
VCC
49
PWR
+3.3V
VMM
50
PWR
+2.0V
RXPIN9
51
I
PECL
16 bit PECL input bus
RXPIN8
52
I
PECL
16 bit PECL input bus
VEE
53
PWR
GND
RXPIN7
54
I
PECL
16 bit PECL input bus
RXPIN6
55
I
PECL
16 bit PECL input bus
VMM
56
PWR
+2.0V
RXPIN5
57
I
PECL
16 bit PECL input bus
RXPIN4
58
I
PECL
16 bit PECL input bus
VMM
59
PWR
+2.0V
RXPIN3
60
I
PECL
16 bit PECL input bus
RXPIN2
61
I
PECL
16 bit PECL input bus
VCC
62
PWR
+3.3V
RXPIN1
63
I
PECL
16 bit PECL input bus
RXPIN0
64
I
PECL
16 bit PECL input bus
VMM
65
PWR
+2.0V
NC
66
—
—
Leave Unconnected
RXFPOUT
67
O
TTL
Received Frame Pointer (Pulse High)
VEE
68
PWR
GND
SEF
69
O
TTL
Severely Errored Frame Indicator (Active High)
RXOHCLK
70
O
TTL
Receive Overhead Output Clock
Table 20: Pin Identification
Signal
Pin
I/O
Level
Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com