Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC8151 Datasheet(PDF) 25 Page - Vitesse Semiconductor Corporation

Part # VSC8151
Description  2.488Gb/s SONET/SDH STS-48/STM-16 Section Terminator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8151 Datasheet(HTML) 25 Page - Vitesse Semiconductor Corporation

Back Button VSC8151 Datasheet HTML 21Page - Vitesse Semiconductor Corporation VSC8151 Datasheet HTML 22Page - Vitesse Semiconductor Corporation VSC8151 Datasheet HTML 23Page - Vitesse Semiconductor Corporation VSC8151 Datasheet HTML 24Page - Vitesse Semiconductor Corporation VSC8151 Datasheet HTML 25Page - Vitesse Semiconductor Corporation VSC8151 Datasheet HTML 26Page - Vitesse Semiconductor Corporation VSC8151 Datasheet HTML 27Page - Vitesse Semiconductor Corporation VSC8151 Datasheet HTML 28Page - Vitesse Semiconductor Corporation VSC8151 Datasheet HTML 29Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
© VITESSE SEMICONDUCTOR CORPORATION
Page 25
12/1/99
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
VITESSE
SEMICONDUCTOR CORPORATION
Advance Product Information
VSC8151
2.488Gb/s SONET/SDH
STS-48/STM-16 Section Terminator
G52225-0, Rev. 2.9
TXADDR0
109
I
TTL
TX Regfile Address
TXADDR1
110
I
TTL
TX Regfile Address
TXADDR2
111
I
TTL
TX Regfile Address
TXADDR3
112
I
TTL
TX Regfile Address
TXWRENA
113
I
TTL
TX Regfile Write Enable
TXADDR4
114
I
TTL
TX Regfile Address Input
VMM
115
PWR
+2.0V
VCC
116
PWR
+3.3V
VMM
117
PWR
+2.0V
VEE
118
PWR
GND
VCC
119
PWR
+3.3V
TXOHWI
120
I
TTL
TX Regfile Write Inhibit
TXOHIN7
121
I
TTL
TX Regfile Data Input
TXOHIN6
122
I
TTL
TX Regfile Data Input
TXOHIN5
123
I
TTL
TX Regfile Data Input
TXOHIN4
124
I
TTL
TX Regfile Data Input
TXOHIN3
125
I
TTL
TX Regfile Data Input
TXOHIN2
126
I
TTL
TX Regfile Data Input
TXOHIN1
127
I
TTL
TX Regfile Data Input
TXOHIN0
128
I
TTL
TX Regfile Data Input
VCC
129
PWR
+3.3V
VCC
130
PWR
+3.3V
TXPOUT11
131
O
PECL
16 bit PECL output bus
TXPOUT10
132
O
PECL
16 bit PECL output bus
VEE
133
PWR
GND
TXPOUT9
134
O
PECL
16 bit PECL output bus
TXPOUT8
135
O
PECL
16 bit PECL output bus
VMM
136
PWR
+2.0V
TXPOUT7
137
O
PECL
16 bit PECL output bus
TXPOUT6
138
O
PECL
16 bit PECL output bus
VCC
139
PWR
+3.3V
TXPOUT5
140
O
PECL
16 bit PECL output bus
TXPOUT4
141
O
PECL
16 bit PECL output bus
VCC
142
PWR
+3.3V
TXPOUT3
143
O
PECL
16 bit PECL output bus
TXPOUT2
144
O
PECL
16 bit PECL output bus
VMM
145
PWR
+2.0V
TXPOUT1
146
O
PECL
16 bit PECL output bus
Table 20: Pin Identification
Signal
Pin
I/O
Level
Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com