Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC8151 Datasheet(PDF) 16 Page - Vitesse Semiconductor Corporation

Part # VSC8151
Description  2.488Gb/s SONET/SDH STS-48/STM-16 Section Terminator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8151 Datasheet(HTML) 16 Page - Vitesse Semiconductor Corporation

Back Button VSC8151 Datasheet HTML 12Page - Vitesse Semiconductor Corporation VSC8151 Datasheet HTML 13Page - Vitesse Semiconductor Corporation VSC8151 Datasheet HTML 14Page - Vitesse Semiconductor Corporation VSC8151 Datasheet HTML 15Page - Vitesse Semiconductor Corporation VSC8151 Datasheet HTML 16Page - Vitesse Semiconductor Corporation VSC8151 Datasheet HTML 17Page - Vitesse Semiconductor Corporation VSC8151 Datasheet HTML 18Page - Vitesse Semiconductor Corporation VSC8151 Datasheet HTML 19Page - Vitesse Semiconductor Corporation VSC8151 Datasheet HTML 20Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Advance Product Information
VSC8151
2.488Gb/s SONET/SDH
STS-48/STM-16 Section Terminator
Page 16
© VITESSE SEMICONDUCTOR CORPORATION
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
12/1/99
G52225-0, Rev. 2.9
Figure 10: Transmit Frame Pulse Timing Diagram
Table 9: Transmit Frame Pulse Timing
Figure 11: On Chip Register File Access Port Timing Diagram
Table 10: On Chip Register File Access Port Timing
Parameter
Description
Min
Typ
Max
Units
TFPW
Transmit Frame Pulse Width
—51.2
—
ns
TB (OC-48)
Transmitted Byte Cycle Time
—
3.2
—
ns
TB(OC-12)
Transmitted Byte Cycle Time
—
12.8
—
ns
TB(OC-3)
Transmitted Byte Cycle Time
—
51.2
—
ns
Parameter
Description
Min
Typ
Max
Units
TSU
Setup time for data/address
50
—
—
ns
TH
Hold time for data/address
50
—
—
ns
TWE
Write enable low
50
—
—
ns
TCYC
Write cycle time
375
—
—
ns
E2
E2
E2
Transmitted
TXFPOUT
Payload bytes of Row 9
Frame bytes
TB
TFPW
TXOHDATA[7:0]
TXWRENA
TXADDR[5:0]
TH
TCYC
TWE
TSU
TXOHWI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com