| Electronic Components Datasheet Search |
|
SSD1306Z Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
SSD1306Z Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers |
|
13 / 65 page ![]() SSD1306 Rev 1.1 P 13/59 Apr 2008 Solomon Systech 7 PIN DESCRIPTION Key: I = Input NC = Not Connected O =Output Pull LOW= connect to Ground I/O = Bi-directional (input/output) Pull HIGH= connect to VDD P = Power pin Figure 7-1 Pin Description Pin Name Type Description VDD P Power supply pin for core logic operation. VCC P Power supply for panel driving voltage. This is also the most positive power voltage supply pin. VSS P This is a ground pin. VLSS P This is an analog ground pin. It should be connected to VSS externally. VCOMH O The pin for COM signal deselected voltage level. A capacitor should be connected between this pin and VSS. VBAT P Reserved pin. It should be connected to VDD. BGGND P Reserved pin. It should be connected to ground. C1P/C1N C2P/C2N I Reserved pin. It should be kept NC. VBREF P Reserved pin. It should be kept NC. BS[2:0] I MCU bus interface selection pins. Please refer to Table 7-1 for the details of setting. IREF I This is segment output current reference pin. A resistor should be connected between this pin and VSS to maintain the IREF current at 12.5 uA. Please refer to Figure 8-15 for the details of resistor value. FR O This pin outputs RAM write synchronization signal. Proper timing between MCU data writing and frame display timing can be achieved to prevent tearing effect. It should be kept NC if it is not used. Please refer to Section 8.4 for details usage. CL I This is external clock input pin. When internal clock is enabled (i.e. HIGH in CLS pin), this pin is not used and should be connected to VSS. When internal clock is disabled (i.e. LOW in CLS pin), this pin is the external clock source input pin. CLS I This is internal clock enable pin. When it is pulled HIGH (i.e. connect to VDD), internal clock is enabled. When it is pulled LOW, the internal clock is disabled; an external clock source must be connected to the CL pin for normal operation. RES# I This pin is reset signal input. When the pin is pulled LOW, initialization of the chip is executed. Keep this pin HIGH (i.e. connect to VDD) during normal operation. CS# I This pin is the chip select input. (active LOW). |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |