Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSD1306Z Datasheet(PDF) 64 Page - List of Unclassifed Manufacturers

Part # SSD1306Z
Description  128 x 64 Dot Matrix OLED/PLED Segment/Common Driver with Controller
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SSD1306Z Datasheet(HTML) 64 Page - List of Unclassifed Manufacturers

Back Button SSD1306Z Datasheet HTML 57Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 58Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 59Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 60Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 61Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 62Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 63Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 64Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 65Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 64 / 65 page
background image
SSD1306 App Note
Rev 0.4
P 5/6
Jan 2009
Solomon Systech
3
Software Configuration
SSD1306 has internal command registers that are used to configure the operations of the driver IC.
After reset, the registers should be set with appropriate values in order to function well. The registers
can be accessed by MPU interface in either 6800, 8080, SPI type with D/C# pin pull low or using I
2C
interface. Below is an example of initialization flow of SSD1306. The values of registers depend on
different condition and application.
Figure 2 : Software Initialization Flow Chart
Enable charge
pump regulator
8Dh, 14h
Set MUX
Ratio
A8h, 3Fh
Set Display
Offset
D3h, 00h
Set Display
Start Line
40h
Set Segment
re-map
A0h/A1h
Set COM Output
Scan Direction
C0h/C8h
Set Contrast
Control
81h, 7Fh
Disable Entire
Display On
A4h
Set Normal
Display
A6h
Set Osc
Frequency
D5h, 80h
Set COM Pins
hardware
configuration
DAh, 02
Display On
AFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com