Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSD1306Z Datasheet(PDF) 63 Page - List of Unclassifed Manufacturers

Part # SSD1306Z
Description  128 x 64 Dot Matrix OLED/PLED Segment/Common Driver with Controller
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SSD1306Z Datasheet(HTML) 63 Page - List of Unclassifed Manufacturers

Back Button SSD1306Z Datasheet HTML 57Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 58Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 59Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 60Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 61Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 62Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 63Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 64Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 65Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 63 / 65 page
background image
Solomon Systech
Jan 2009
P 4/6
Rev 0.4 SSD1306 App note
The configuration for 8080-parallel interface mode is shown in the following diagram:
(VDD= 1.65V ~ 3.3V, < VBAT
, VBAT=3.3V~4.2V, IREF=12.5uA)
Pin connected to MCU interface: D[7:0], E, R/W#, D/C#, CS#, RES#
Pin internally connected to VSS: BS0, CL
Pin internally connected to VDD: CLS
VBREF, FR should be left open.
C1, C4, C6, C7: 1.0uF
(1)
C2, C3: 2.2uF
(1)
Voltage at IREF = VCC – 2.5V. For VCC = 7.5V, IREF = 12.5uA:
R1 = (Voltage at IREF - VSS) / IREF
= (7.5-2.5) / 12.5u
=400K
Ω
Note
(1) The capacitor value is recommended value. Select appropriate value against module application.
Figure 1 : Application Example of SSD1306Z with charge bump
DISPLAY PANEL
104 x 16
SSD1306Z
BGGND
VCC VCOMH IREF D[7:0] E (RD#) R/W#(W/R#) D/C# RES# CS# BS1 BS2
VDD VBAT VBREF FR
VSS
C1N C1P C2N C2P
R1
D[7:0] E (RD#) R/W# (W/R#) D/C# RES#
CS#
VDD
VBAT
VSS
C1
C4
C2
VSS
[GND]
C3
C6
C7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com