Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSD1306Z Datasheet(PDF) 30 Page - List of Unclassifed Manufacturers

Part # SSD1306Z
Description  128 x 64 Dot Matrix OLED/PLED Segment/Common Driver with Controller
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SSD1306Z Datasheet(HTML) 30 Page - List of Unclassifed Manufacturers

Back Button SSD1306Z Datasheet HTML 26Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 27Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 28Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 29Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 30Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 31Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 32Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 33Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 34Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 65 page
background image
Solomon Systech
Apr 2008 P 30/59
Rev 1.1
SSD1306
2. Scrolling Command Table
D/C# Hex
D7 D6 D5 D4 D3
D2
D1
D0
Command
Description
0
A3
1
0
1
0
0
0
1
1
0
A[5:0] *
*
A5 A4
A3
A2
A1
A0
0
B[6:0]
*
B6 B5 B4
B3
B2
B1
B0
Set Vertical Scroll
Area
A[5:0] : Set No. of rows in top fixed area. The No. of
rows in top fixed area is
referenced to the
top of the GDDRAM (i.e. row 0).[RESET =
0]
B[6:0] : Set No. of rows in scroll area.
This is the
number of rows to be used for vertical
scrolling. The scroll area starts in the first
row below the top fixed area. [RESET = 64]
Note
(1) A[5:0]+B[6:0] <= MUX ratio
(2) B[6:0] <= MUX ratio
(3a) Vertical scrolling offset (E[5:0] in 29h/2Ah) <
B[6:0]
(3b) Set Display Start Line (X5X4X3X2X1X0 of
40h~7Fh) < B[6:0]
(4) The last row of the scroll area shifts to the first row
of the scroll area.
(5) For 64d MUX display
A[5:0] = 0, B[6:0]=64 : whole area scrolls
A[5:0]= 0, B[6:0] < 64 : top area scrolls
A[5:0] + B[6:0] < 64 : central area scrolls
A[5:0] + B[6:0] = 64 : bottom area scrolls
3. Addressing Setting Command Table
D/C# Hex
D7
D6
D5
D4
D3
D2
D1
D0
Command
Description
0
00~0F
0
0
0
0
X3
X2
X1
X0 Set Lower Column
Start Address for
Page Addressing
Mode
Set the lower nibble of the column start address
register for Page Addressing Mode using X[3:0]
as data bits. The initial display line register is
reset to 0000b after RESET.
Note
(1) This command is only for page addressing mode
0
10~1F
0
0
0
1
X3
X2
X1
X0 Set Higher Column
Start Address for
Page Addressing
Mode
Set the higher nibble of the column start address
register for Page Addressing Mode using X[3:0]
as data bits. The initial display line register is
reset to 0000b after RESET.
Note
(1) This command is only for page addressing mode
0
20
0
0
1
0
0
0
0
0
0
A[1:0]
*
*
*
*
*
*
A1
A0
Set Memory
Addressing Mode
A[1:0] = 00b, Horizontal Addressing Mode
A[1:0] = 01b, Vertical Addressing Mode
A[1:0] = 10b, Page Addressing Mode (RESET)
A[1:0] = 11b, Invalid
0
21
0
0
1
0
0
0
0
1
0
A[6:0]
*
A6
A5
A4
A3
A2
A1
A0
0
B[6:0]
*
B6
B5
B4
B3
B2
B1
B0
Set Column Address Setup column start and end address
A[6:0] : Column start address, range : 0-127d,
(RESET=0d)
B[6:0]: Column end address, range : 0-127d,
(RESET =127d)
Note
(1) This command is only for horizontal or vertical
addressing mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com