Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSD1306Z Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # SSD1306Z
Description  128 x 64 Dot Matrix OLED/PLED Segment/Common Driver with Controller
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SSD1306Z Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button SSD1306Z Datasheet HTML 4Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 5Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 6Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 7Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 8Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 9Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 10Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 11Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 65 page
background image
Solomon Systech
Apr 2008
P 8/59
Rev 1.1
SSD1306
5
DIE PAD FLOOR PLAN
Figure 5-1 : SSD1306Z Die Drawing
Pad 1
Die size
6.76mm x 0.86mm
Die thickness
300 +/- 25um
Min I/O pad pitch
60um
Min SEG pad pitch
47um
Min COM pad pitch
40um
Bump height
Nominal 15um
Bump size
Pad 1, 106, 124, 256
80um x 50um
Pad 2-18, 89-105, 107-123, 257-273
25ium x 80um
Pad 19-88
40um x 89um
Pad 125-255
31um x 59um
Pad 274-281 (TR pads)
30um x 50um
Alignment
mark
Position
Size
+ shape
(-2973, 0)
75um x 75um
+ shape
(2973, 0)
75um x 75um
Circle
(2466.665, 7.575)
R37.5um, inner 18um
SSL Logo
(-2862.35, 144.82)
-
(For details dimension please see p.9 )
Note
(1) Diagram showing the Gold bumps face up.
(2) Coordinates are referenced to center of the chip.
(3) Coordinate units and size of all alignment marks are in um.
(4) All alignment keys do not contain gold
Pad 1,2,3,…->281
Gold Bumps face up
SSD1306
X
Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com