Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSD1306Z Datasheet(PDF) 53 Page - List of Unclassifed Manufacturers

Part # SSD1306Z
Description  128 x 64 Dot Matrix OLED/PLED Segment/Common Driver with Controller
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SSD1306Z Datasheet(HTML) 53 Page - List of Unclassifed Manufacturers

Back Button SSD1306Z Datasheet HTML 49Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 50Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 51Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 52Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 53Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 54Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 55Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 56Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 57Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 65 page
background image
SSD1306
Rev 1.1
P 53/59
Apr 2008
Solomon Systech
Table 13-5 : 3-wire Serial Interface Timing Characteristics
(VDD - VSS = 1.65V to 3.3V, TA = 25°C)
Symbol
Parameter
Min
Typ
Max
Unit
tcycle
Clock Cycle Time
100
-
-
ns
tCSS
Chip Select Setup Time
20
-
-
ns
tCSH
Chip Select Hold Time
10
-
-
ns
tDSW
Write Data Setup Time
15
-
-
ns
tDHW
Write Data Hold Time
15
-
-
ns
tCLKL
Clock Low Time
20
-
-
ns
tCLKH
Clock High Time
20
-
-
ns
tR
Rise Time
-
-
40
ns
tF
Fall Time
-
-
40
ns
Figure 13-4 : 3-wire Serial interface characteristics
SDIN
CS#
SCLK
D7
D6
D5
D4
D3
D2
D1
D0
D/C#
Valid Data
tDSH
t
CLKL
tDSW
tCLKH
tCYCLE
t CSS
tCSH
tF
tR
SDIN
CS#
SCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com