Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSD1306Z Datasheet(PDF) 45 Page - List of Unclassifed Manufacturers

Part # SSD1306Z
Description  128 x 64 Dot Matrix OLED/PLED Segment/Common Driver with Controller
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SSD1306Z Datasheet(HTML) 45 Page - List of Unclassifed Manufacturers

Back Button SSD1306Z Datasheet HTML 41Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 42Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 43Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 44Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 45Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 46Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 47Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 48Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 49Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 65 page
background image
SSD1306
Rev 1.1
P 45/59
Apr 2008
Solomon Systech
10.2.2 Continuous Vertical and Horizontal Scroll Setup (29h/2Ah)
This command consists of 6 consecutive bytes to set up the continuous vertical scroll parameters and
determines the scrolling start page, end page, scrolling speed and vertical scrolling offset.
The bytes B[2:0], C[2:0] and D[2:0] of command 29h/2Ah are for the setting of the continuous horizontal
scrolling. The byte E[5:0] is for the setting of the continuous vertical scrolling offset. All these bytes together
are for the setting of continuous diagonal (horizontal + vertical) scrolling. If the vertical scrolling offset byte
E[5:0] is set to zero, then only horizontal scrolling is performed (like command 26/27h).
Before issuing this command the scroll must be deactivated (2Eh). Otherwise, RAM content may be
corrupted. The following figure (Figure 10-10 ) show the example of using the continuous vertical and
horizontal scroll:
Figure 10-10 : Continuous Vertical and Horizontal scrolling setup example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com