Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSD1306Z Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # SSD1306Z
Description  128 x 64 Dot Matrix OLED/PLED Segment/Common Driver with Controller
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SSD1306Z Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button SSD1306Z Datasheet HTML 13Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 14Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 15Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 16Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 17Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 18Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 19Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 20Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 65 page
background image
SSD1306
Rev 1.1
P 17/59
Apr 2008
Solomon Systech
Table 8-3 : Control pins of 8080 interface
Function
RD#
WR#
CS#
D/C#
Write command
H
↑
L
L
Read status
↑
H
L
L
Write data
H
↑
L
H
Read data
↑
H
L
H
Note
(1) ↑ stands for rising edge of signal
(2) H stands for HIGH in signal
(3) L stands for LOW in signal
In order to match the operating frequency of display RAM with that of the microprocessor, some pipeline
processing is internally performed which requires the insertion of a dummy read before the first actual display
data read. This is shown in Figure 8-4.
Figure 8-4 : Display data read back procedure - insertion of dummy read
N
n
n+1
n+2
WR#
RD#
Databus
Write column
address
Read 1st data
Dummy read
Read 2nd data
Read 3rd data
8.1.3
MCU Serial Interface (4-wire SPI)
The 4-wire serial interface consists of serial clock: SCLK, serial data: SDIN, D/C#, CS#. In 4-wire SPI mode,
D0 acts as SCLK, D1 acts as SDIN. For the unused data pins, D2 should be left open. The pins from D3 to
D7, E and R/W# (WR#)# can be connected to an external ground.
Table 8-4 : Control pins of 4-wire Serial interface
Function
E(RD#)
R/W#(WR#)
CS#
D/C#
D0
Write command Tie LOW
Tie LOW
L
L
↑
Write data
Tie LOW
Tie LOW
L
H
↑
Note
(1) H stands for HIGH in signal
(2) L stands for LOW in signal
SDIN is shifted into an 8-bit shift register on every rising edge of SCLK in the order of D7, D6, ... D0. D/C#
is sampled on every eighth clock and the data byte in the shift register is written to the Graphic Display Data
RAM (GDDRAM) or command register in the same clock.
Under serial mode, only write operations are allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com