Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC8504-02 Datasheet(PDF) 31 Page - Microsemi Corporation

Part # VSC8504-02
Description  Quad-Port 10/100/1000BASE-T PHY with Synchronous Ethernet and QSGMII/SGMII MAC
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8504-02 Datasheet(HTML) 31 Page - Microsemi Corporation

Back Button VSC8504-02 Datasheet HTML 27Page - Microsemi Corporation VSC8504-02 Datasheet HTML 28Page - Microsemi Corporation VSC8504-02 Datasheet HTML 29Page - Microsemi Corporation VSC8504-02 Datasheet HTML 30Page - Microsemi Corporation VSC8504-02 Datasheet HTML 31Page - Microsemi Corporation VSC8504-02 Datasheet HTML 32Page - Microsemi Corporation VSC8504-02 Datasheet HTML 33Page - Microsemi Corporation VSC8504-02 Datasheet HTML 34Page - Microsemi Corporation VSC8504-02 Datasheet HTML 35Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 131 page
background image
Functional Descriptions
VMDS-10507 VSC8504-02 Datasheet Revision 4.2
20
Figure 24 •
Inline Powered Ethernet Switch Diagram
The following procedure describes the process that an Ethernet switch must perform to process inline
power requests made by a link partner (LP) that is, in turn, capable of receiving inline power:
1.
Enable the inline powered device detection mode on each VSC8504-02 PHY using its serial
management interface. Set register bit 23E1.10 to 1.
2.
Ensure that the VSC8504-02 autonegotiation enable bit (register 0.12) is also set to 1. In the
application, the device sends a special fast link pulse (FLP) signal to the LP. Reading register
bit 23E1.9:8 returns 00 during the search for devices that require power over Ethernet (PoE).
3.
The VSC8504-02 PHY monitors its inputs for the FLP signal looped back by the LP. An LP capable
of receiving PoE loops back the FLP pulses when the LP is in a powered down state. This is
reported when VSC8504-02 register bit 23E1.9:8 reads back 01. It can also be verified as an inline
power detection interrupt by reading VSC8504-02 register bit 26.9, which should be a 1, and which
is subsequently cleared and the interrupt de-asserted after the read. When an LP device does not
loop back the FLP after a specific time, VSC8504-02 register bit 23E1.9:8 automatically resets to 10.
4.
If the VSC8504-02 PHY reports that the LP requires PoE, the Ethernet switch must enable inline
power on this port, externally of the PHY.
5.
The PHY automatically disables inline powered device detection when the VSC8504-02 register bits
23E1.9:8 automatically reset to 10, and then automatically changes to its normal autonegotiation
process. A link is then autonegotiated and established when the link status bit is set (register bit 1.2
is set to 1).
6.
In the event of a link failure (indicated when VSC8504-02 register bit 1.2 reads 0), it is
recommended that the inline power be disabled to the inline powered device external to the PHY.
The VSC8504-02 PHY disables its normal autonegotiation process and re-enables its inline
powered device detection mode.
SMI
Control
Processor
PHY_port1
QSGMII/
SGMII
Interface
Inline,
Power-Over-Ethernet
(PoE)
Power Supply
Cat5
Gigabit Switch
PHY_port0
PHY_portn
Transformer
RJ-45
I/F
Transformer
RJ-45
I/F
Transformer
RJ-45
I/F
Link
Partner
Link
Partner
Link
Partner



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com