Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC8504-02 Datasheet(PDF) 49 Page - Microsemi Corporation

Part # VSC8504-02
Description  Quad-Port 10/100/1000BASE-T PHY with Synchronous Ethernet and QSGMII/SGMII MAC
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8504-02 Datasheet(HTML) 49 Page - Microsemi Corporation

Back Button VSC8504-02 Datasheet HTML 45Page - Microsemi Corporation VSC8504-02 Datasheet HTML 46Page - Microsemi Corporation VSC8504-02 Datasheet HTML 47Page - Microsemi Corporation VSC8504-02 Datasheet HTML 48Page - Microsemi Corporation VSC8504-02 Datasheet HTML 49Page - Microsemi Corporation VSC8504-02 Datasheet HTML 50Page - Microsemi Corporation VSC8504-02 Datasheet HTML 51Page - Microsemi Corporation VSC8504-02 Datasheet HTML 52Page - Microsemi Corporation VSC8504-02 Datasheet HTML 53Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 131 page
background image
Functional Descriptions
VMDS-10507 VSC8504-02 Datasheet Revision 4.2
38
Figure 36 •
Test Access Port and Boundary Scan Architecture
After a TAP reset, the device identification register is serially connected between TDI and TDO by
default. The TAP instruction register is loaded either from a shift register when a new instruction is shifted
in, or, if there is no new instruction in the shift register, a default value of 6'b100000 (IDCODE) is loaded.
Using this method, there is always a valid code in the instruction register, and the problem of toggling
instruction bits during a shift is avoided. Unused codes are mapped to the BYPASS instruction.
3.17.9
JTAG Instruction Codes
The VSC8504-02 supports the following instruction codes:
Table 12 •
JTAG Instruction Codes
Instruction Code
Description
BYPASS
The bypass register contains a single shift-register stage and is
used to provide a minimum-length serial path (one TCK clock
period) between TDI and TDO to bypass the device when no test
operation is required.
CLAMP
Allows the state of the signals driven from the component pins to
be determined from the boundary scan register while the bypass
register is selected as the serial path between TDI and TDO.
While the CLAMP instruction is selected, the signals driven from
the component pins do not change.
EXTEST
Allows tests of the off-chip circuitry and board-level
interconnections by sampling input pins and loading data onto
output pins. Outputs are driven by the contents of the boundary
scan cells, which have to be updated with valid values, with the
PRELOAD instruction, prior to the EXTEST instruction.
Boundary Scan
Register
Test Access Port
Controller
Control
Select
TDO Enable
TDI
TMS
NTRST
TCK
Control
MUX,
DFF
TDO
Instruction Register,
Instruction Decode
Control
Bypass Register
Device Identification
Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com