Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC8504-02 Datasheet(PDF) 100 Page - Microsemi Corporation

Part # VSC8504-02
Description  Quad-Port 10/100/1000BASE-T PHY with Synchronous Ethernet and QSGMII/SGMII MAC
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8504-02 Datasheet(HTML) 100 Page - Microsemi Corporation

Back Button VSC8504-02 Datasheet HTML 96Page - Microsemi Corporation VSC8504-02 Datasheet HTML 97Page - Microsemi Corporation VSC8504-02 Datasheet HTML 98Page - Microsemi Corporation VSC8504-02 Datasheet HTML 99Page - Microsemi Corporation VSC8504-02 Datasheet HTML 100Page - Microsemi Corporation VSC8504-02 Datasheet HTML 101Page - Microsemi Corporation VSC8504-02 Datasheet HTML 102Page - Microsemi Corporation VSC8504-02 Datasheet HTML 103Page - Microsemi Corporation VSC8504-02 Datasheet HTML 104Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 131 page
background image
Electrical Specifications
VMDS-10507 VSC8504-02 Datasheet Revision 4.2
89
5
Electrical Specifications
This section provides the DC characteristics, AC characteristics, recommended operating conditions,
and stress ratings for the VSC8504-02 device.
5.1
DC Characteristics
This section contains the DC specifications for the VSC8504-02 device.
5.1.1
VDD25
The following table shows the DC specifications for the pins referenced to VDD25. The specifications
listed in the following table are valid only when VDD1 =1.0 V, VDD1A = 1.0 V, or VDD25A =2.5 V.
5.1.2
LED and GPIO
The following table shows the DC specifications for the LED and GPIO pins.
5.1.3
Internal Pull-Up or Pull-Down Resistors
Internal pull-up or pull-down resistors are specified in the following table. For more information about
signals with internal pull-up or pull-down resistors, see Pins by Function, page 107.
All internal pull-up resistors are connected to their respective I/O supply.
Table 97 •
VDD25 DC Characteristics
Parameter
Symbol Minimum
Maximum
Unit Condition
Output high voltage
VOH
2.0
2.8
V
IOH = –1.0 mA
Output low voltage
VOL
–0.3
0.4
V
IOL = 1.0 mA
Input high voltage
VIH
1.85
3.3
V
Input low voltage
VIL
–0.3
0.7
V
Input leakage current
IILEAK
–32
32
µA
Internal resistor included
Output leakage current
IOLEAK
–32
32
µA
Internal resistor included
Output low current drive
strength
IOL
6mA
Output high current drive
strength
IOH
–6
mA
Table 98 •
LED and GPIO Characteristics
Pin
Symbol
Minimum
Maximum
Unit
LED
IOH
24
mA
LED
IOL
–24
mA
GPIO
IOH
12
mA
GPIO
IOL
–12
mA
Table 99 •
Internal Pull-Up or Pull-Down Resistors
Parameter
Symbol
Minimum
Typical Maximum
Unit
Internal pull-up resistor, GPIO
RPU_GPIO
33
53
90
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com