| Electronic Components Datasheet Search |
|
VSC8504-02 Datasheet(PDF) 42 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
VSC8504-02 Datasheet(HTML) 42 Page - Microsemi Corporation |
|
42 / 131 page ![]() Functional Descriptions VMDS-10507 VSC8504-02 Datasheet Revision 4.2 31 Figure 31 • Two-Wire Serial MUX Read and Write Register Flow To read a value from a specific address of the two-wire serial slave device: 1. Read the VSC8504-02 device register 21G bit 15, and ensure that it is set. 2. Write the PHY port address to be read to register 21G bits 11:10. 3. Write the two-wire serial address to be read to register 21G bits 7:0. 4. Set both register 21G bits 8 and 9 to 1. 5. When register 21G bit 15 changes to 1, read the 8-bit data value found at register 22G bits 15:8. This is the contents of the address just read by the PHY. To write a value to a specific address of the two-wire serial slave device: 1. Read the VSC8504-02 device register 21G bit 15 and ensure that it is set. 2. Write the PHY port address to be written to register 21G bits 11:10. 3. Write the address to be written to register 21G bits 7:0. 4. Set register 21 bit 8 to 0. 5. Set register 22G bits 7:0 with the 8-bit value to be written to the slave device. 6. Set register 21G bit 9 to 1. To avoid collisions during read and write transactions on the two-wire serial bus, always wait until register 21G bit 15 changes to 1 before performing another two-wire serial read or write operation. 3.16 GPIO Pins The VSC8504-02 provides 18 multiplexed general purpose input/output (GPIO) pins. All device GPIO pins and their behavior are controlled using registers. The following table shows an overview of the register controls for GPIO pins. For more information, see General Purpose Registers, page 76. Table 10 • Register Bits for GPIO Control and Status GPIO Pin GPIO_ctrl GPIO Input GPIO Output GPIO Output Enable GPIO0/SIGDET0 13G.1:0 15G.0 16G.0 17G.0 GPIO1/SIGDET1 13G.3:2 15G.1 16G.1 17G.1 GPIO2/SIGDET2 13G.5:4 15G.2 16G.2 17G.2 GPIO3/SIGDET3 13G.7:6 15G.3 16G.3 17G.3 Start Wait for Ready 21G.9 = 1 21G.11:10 = PHY port to Write 21G.7:0 = Address to Write 21G.8 = 1 22G.7:0 = Data to Write Read or Write Read Data = 22G.15:8 Wait for Ready 21G.9 = 1 21G.11:10 = PHY port to Read 21G.7:0 = Address to Read 21G.8 = 1 21G.15 = 0 21G.15 = 1 21G.15 = 0 Read SFP Data 21G.15 = 1 Write SFP Data |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |