Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC8504-02 Datasheet(PDF) 70 Page - Microsemi Corporation

Part # VSC8504-02
Description  Quad-Port 10/100/1000BASE-T PHY with Synchronous Ethernet and QSGMII/SGMII MAC
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8504-02 Datasheet(HTML) 70 Page - Microsemi Corporation

Back Button VSC8504-02 Datasheet HTML 66Page - Microsemi Corporation VSC8504-02 Datasheet HTML 67Page - Microsemi Corporation VSC8504-02 Datasheet HTML 68Page - Microsemi Corporation VSC8504-02 Datasheet HTML 69Page - Microsemi Corporation VSC8504-02 Datasheet HTML 70Page - Microsemi Corporation VSC8504-02 Datasheet HTML 71Page - Microsemi Corporation VSC8504-02 Datasheet HTML 72Page - Microsemi Corporation VSC8504-02 Datasheet HTML 73Page - Microsemi Corporation VSC8504-02 Datasheet HTML 74Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 131 page
background image
Registers
VMDS-10507 VSC8504-02 Datasheet Revision 4.2
59
4.2.26
LED Mode Select
The device LED outputs are controlled using the bits in register 29 of the main register space. The
following table shows the information needed to access the functionality of each of the outputs. For more
information about LED modes, see Table 7, page 26. For information about enabling the extended LED
mode bits in Register 19E1 bits 13 to 12, see Table 8, page 27.
12
CD pair swap
RO
1: CD pairs are swapped
0
11
A polarity inversion
RO
1: Polarity swap on pair A
0
10
B polarity inversion
RO
1: Polarity swap on pair B
0
9
C polarity inversion
RO
1: Polarity swap on pair C
0
8
D polarity inversion
RO
1: Polarity swap on pair D
0
7
ActiPHY link status time-out
control [1]
R/W
Sticky bit. Bits 7 and 2 are part of the
ActiPHY Link Status time-out control. Bit 7
is the MSB.
00: 2.3 seconds
01: 3.3 seconds
10: 4.3 seconds
11: 5.3 seconds
0
6
ActiPHY mode enable
R/W
Sticky bit.
1: Enabled
0
5
FDX status
RO
1: Full-duplex
0: Half-duplex
00
4:3 Speed status
RO
00: Speed is 10BASE-T
01: Speed is 100BASE-TX or 100BASE-FX
10: Speed is 1000BASE-T or 1000BASE-X
11: Reserved
0
2
ActiPHY link status time-out
control [0]
R/W
Sticky bit. Bits 7 and 2 are part of the
ActiPHY Link Status time-out control. Bit 7
is the MSB.
00: 2.3 seconds
01: 3.3 seconds
10: 4.3 seconds
11: 5.3 seconds
1
1:0 Media mode status
RO
00: No media selected
01: Copper media selected
10: SerDes (Fiber) media selected
11: Reserved
00
1.
In 1000BT mode, if Force MDI crossover is performed while link is up, the 1000BT link must be re-negotiated
in order for this bit to reflect the actual Auto-MDIX setting.
Table 44 •
LED Mode Select, Address 29 (0x1D)
Bit
Name
Access Description
Default
15:12 LED3 mode select R/W
Sticky bit. Select from LED modes 0–15.
1000
11:8
LED2 mode select R/W
Sticky bit. Select from LED modes 0–15.
0000
7:4
LED1 mode select R/W
Sticky bit. Select from LED modes 0–15.
0010
3:0
LED0 mode select R/W
Sticky bit. Select from LED modes 0–15.
0001
Table 43 •
Auxiliary Control and Status, Address 28 (0x1C) (continued)
Bit Name
Access Description
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com