Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC8504-02 Datasheet(PDF) 105 Page - Microsemi Corporation

Part # VSC8504-02
Description  Quad-Port 10/100/1000BASE-T PHY with Synchronous Ethernet and QSGMII/SGMII MAC
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8504-02 Datasheet(HTML) 105 Page - Microsemi Corporation

Back Button VSC8504-02 Datasheet HTML 101Page - Microsemi Corporation VSC8504-02 Datasheet HTML 102Page - Microsemi Corporation VSC8504-02 Datasheet HTML 103Page - Microsemi Corporation VSC8504-02 Datasheet HTML 104Page - Microsemi Corporation VSC8504-02 Datasheet HTML 105Page - Microsemi Corporation VSC8504-02 Datasheet HTML 106Page - Microsemi Corporation VSC8504-02 Datasheet HTML 107Page - Microsemi Corporation VSC8504-02 Datasheet HTML 108Page - Microsemi Corporation VSC8504-02 Datasheet HTML 109Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 131 page
background image
Electrical Specifications
VMDS-10507 VSC8504-02 Datasheet Revision 4.2
94
5.1.8
Thermal Diode
The VSC8504-02 device includes an on-die diode and internal circuitry for monitoring die temperature
(junction temperature). The operation and accuracy of the diode is not guaranteed and should only be
used as a reference. Care should be taken to find compatible grounded cathode temperature monitoring
device.
A thermal sensor, located on the board or in a stand-alone measurement kit, can monitor and display the
die temperature of the switch for thermal management or instrumentation purposes.
Temperature measurement using a thermal diode is very sensitive to noise.
The following table provides the diode parameter and interface specifications. Note that the ThermDC pin
is connected to VSS internally in the device.
Note: Microsemi does not support or recommend operation of the thermal diode under reverse bias.
The ideality factor, n, represents the deviation from ideal diode behavior as exemplified by the diode
equation:
where, Is = saturation current, q = electronic charge, Vd = voltage across the diode, k = Boltzmann Constant, and T =
absolute temperature (Kelvin).
5.2
AC Characteristics
This section provides the AC specifications for the VSC8504-02 device.
5.2.1
Reference Clock
The following table shows the AC specifications for a 125 MHz differential reference clock source.
Performance is guaranteed for 125 MHz differential clocks only; however, 125 MHz single-ended clocks
are also supported for QSGMII interfaces.
25 MHz clock implementations are available but are limited to SGMII interfaces. For more information,
contact your Microsemi representative.
Table 106 •
Thermal Diode Parameters
Parameter
Symbol
Typical
Maximum
Unit
Forward bias current
IFW
1
mA
Diode ideality factor
n
1.008
Table 107 •
Reference Clock AC Characteristics for QSGMII 125 MHz Differential Clock
Parameter
Symbol
Minimum
Typical Maximum
Unit Condition
Reference clock
frequency,
REFCLK_SEL2 = 1
ƒ
125.00
MHz
±100 ppm
Duty cycle
DC
40
50
60
%
Rise time and fall time
tr, tf
1.5
ns
20% to 80%
threshold
RefClk input RMS jitter
requirement, bandwidth
between 12 kHz and
500 kHz(1)
20
ps
To meet jitter
generation of 1G
output data per
IEEE 802.3z
IFW
IS
e
Vd
q
nkT
----------
×
1
–


×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com