Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETV2501INPGF Datasheet(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2501INPGF
Description  TMS320VC5501 Fixed-Point Digital Signal Processor
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2501INPGF Datasheet(HTML) 45 Page - Texas Instruments

Back Button TNETV2501INPGF Datasheet HTML 41Page - Texas Instruments TNETV2501INPGF Datasheet HTML 42Page - Texas Instruments TNETV2501INPGF Datasheet HTML 43Page - Texas Instruments TNETV2501INPGF Datasheet HTML 44Page - Texas Instruments TNETV2501INPGF Datasheet HTML 45Page - Texas Instruments TNETV2501INPGF Datasheet HTML 46Page - Texas Instruments TNETV2501INPGF Datasheet HTML 47Page - Texas Instruments TNETV2501INPGF Datasheet HTML 48Page - Texas Instruments TNETV2501INPGF Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 197 page
background image
Functional Overview
45
December 2002 − Revised November 2008
SPRS206K
3.3.2 Host Port Mux
The 5501 Host Port Mux controls the function of 8 data signals (pins HD[7:0]) and 2 control signals (pins HC0
and HC1). The Host Port Mux supports two different modes:
8-bit multiplexed mode: The HPI’s 8 data and 2 control signals are routed to their corresponding pins
on the Host Port Mux.
Parallel general-purpose I/O mode: All pins on the Host Port Mux are routed to PGPIO. The HPI and
EMIF are disabled.
The mode of the Host Port Mux is determined by the state of the GPIO6 pin at reset. If GPIO6 is low, the pins
of the Host Port Mux will be set to PGPIO. In this mode, the EMIF and the HPI will be disabled. The
Parallel/Host Port Mux Mode bit of the External Bus Control Register will be set to 0 to reflect the PGPIO mode
of the Host Port Mux.
If GPIO6 is high, the HPI will be enabled in 8-bit (multiplexed) mode: pins HD[7:0] are set to HPI.HD[7:0], and
HC0 and HC1 are set to HPI.HAS and HPI.HBIL, respectively. The Parallel/Host Port Mux Mode bit field in
the XBSR will be set to 1 to reflect the HPI multiplexed mode of the Host Port Mux. See Section 3.7, Host-Port
Interface (HPI), for more information on the operation of the HPI in multiplexed mode.
Table 3−5 lists the individual routing of the HPI and PGPIO signals to the Host Port Mux pins.
Table 3−5. TMS320VC5501 Routing of Host Port Mux Signals
PIN
PARALLEL/HOST PORT MUX MODE = 0
(PGPIO)
PARALLEL/HOST PORT MUX MODE = 1
(8-BIT HPI MULTIPLEXED)
Data Bus
HD[7:0]
PGPIO[43:36]
HPI.HD[7:0]
Control Bus
HC0
PGPIO44
HPI.HAS
HC1
PGPIO45
HPI.HBIL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com