Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETV2501INPGF Datasheet(PDF) 53 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2501INPGF
Description  TMS320VC5501 Fixed-Point Digital Signal Processor
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2501INPGF Datasheet(HTML) 53 Page - Texas Instruments

Back Button TNETV2501INPGF Datasheet HTML 49Page - Texas Instruments TNETV2501INPGF Datasheet HTML 50Page - Texas Instruments TNETV2501INPGF Datasheet HTML 51Page - Texas Instruments TNETV2501INPGF Datasheet HTML 52Page - Texas Instruments TNETV2501INPGF Datasheet HTML 53Page - Texas Instruments TNETV2501INPGF Datasheet HTML 54Page - Texas Instruments TNETV2501INPGF Datasheet HTML 55Page - Texas Instruments TNETV2501INPGF Datasheet HTML 56Page - Texas Instruments TNETV2501INPGF Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 197 page
background image
Functional Overview
53
December 2002 − Revised November 2008
SPRS206K
3.4.3 Timer Signal Selection Register (TSSR)
The Timer Signal Selection Register (TSSR) controls several pin characteristics for Timer 0, Timer 1, and the
Watchdog Timer. The TSSR can be used to specify whether the pins of Timer 0, Timer 1, and the Watchdog
Timer are inputs or outputs. The TSSR also determines how the interrupt signal of the Watchdog Timer is
connected internally and sets the function for the NMI/WDTOUT pin of the 5501. By default, all timer pins
(TIM0, TIM1, and NMI/WDTOUT) are set as inputs, the interrupt signal of the Watchdog Timer is not internally
connected to anything, and the NMI/WDTOUT pin has the function of the NMI signal.
15
8
Reserved
R, 00000000
76
54
32
10
Reserved
WDT_MODE
TIM1_MODE
TIM0_MODE
IWCON
NMI/WDTOUT
_CFG
R, 00
R/W, 0
R/W, 0
R/W, 0
R/W, 00
R/W, 1
LEGEND: R = Read, W = Write, n = value at reset
Figure 3−8. Timer Signal Selection Register Layout (0x8000)
Table 3−7. Timer Signal Selection Register Bit Field Description
BIT NAME
BIT NO.
ACCESS
RESET VALUE
DESCRIPTION
Reserved
15−6
R
0000000000
Reserved
WDT_MODE
5
R/W
0
WDT pin mode
WDT_MODE = 0:
WDTOUT pin is used as the timer input
pin.
WDT_MODE = 1:
WDTOUT pin is used as the timer output
pin.
TIM1_MODE
4
R/W
0
TIM1 pin mode
TIM1_MODE = 0:
TIM1 pin is used as the timer input pin.
TIM1_MODE = 1:
TIM1 pin is used as the timer output pin.
TIM0_MODE
3
R/W
0
TIM0 pin mode
TIM0_MODE = 0:
TIM0 pin is used as the timer input pin.
TIM0_MODE = 1:
TIM0 pin is used as the timer output pin.
† If NMI/WDTOUT_CFG = 1 and IWCON = 10, only the WDTOUT signal will drive the NMI signal; the external source driving the NMI/WDTOUT
pin will be ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com