Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC3541 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # ADC3541
Description  ADC354x 14-bit, 10-MSPS to 65-MSPS, Low-noise, Ultra-low Power ADC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3541 Datasheet(HTML) 18 Page - Texas Instruments

Back Button ADC3541 Datasheet HTML 14Page - Texas Instruments ADC3541 Datasheet HTML 15Page - Texas Instruments ADC3541 Datasheet HTML 16Page - Texas Instruments ADC3541 Datasheet HTML 17Page - Texas Instruments ADC3541 Datasheet HTML 18Page - Texas Instruments ADC3541 Datasheet HTML 19Page - Texas Instruments ADC3541 Datasheet HTML 20Page - Texas Instruments ADC3541 Datasheet HTML 21Page - Texas Instruments ADC3541 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 68 page
background image
7 Detailed Description
7.1 Overview
The ADC354x is a low noise, ultra-low power 14-bit high-speed ADC family supporting sampling rates from 10 to
65 Msps. It offers very good DC precision together with IF sampling support which makes it ideally suited for a
wide range of applications. The ADC354x is equipped with an on-chip internal reference option but it also
supports the use of an external, high precision 1.6 V voltage reference or an external 1.2 V reference which is
buffered and gained up internally. Because of the inherent low latency architecture, the digital output result is
available after only one clock cycle. Single ended as well as differential input signaling is supported.
An optional programmable digital down converter enables external anti-alias filter relaxation as well as output
data rate reduction. The digital filter provides a 32-bit programmable NCO and supports both real or complex
decimation.
The ADC354x family uses a SDR or DDR as well as a 2-wire or 1-wire serial CMOS interface to output the data
offering lowest power digital interface together with the flexibility to minimize the number of digital interconnects.
The device is a pin-to-pin compatible family with different speed grades.
The device features and control options can be set up either through pin configurations or via SPI register writes.
7.2 Functional Block Diagram
N
NCO
Control
AIN
CLK
VREF
ADC
14bit
1.2V REF
REFBUF
Digital Downconverter
0.95V
VCM
DCLKIN
DCLK
FCLK
D0..15
Dig I/F
CMOS
TEMP
Sensor
ADC3541
SBAS840 – JULY 2020
www.ti.com
18
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: ADC3541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com