Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC3541 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # ADC3541
Description  ADC354x 14-bit, 10-MSPS to 65-MSPS, Low-noise, Ultra-low Power ADC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3541 Datasheet(HTML) 27 Page - Texas Instruments

Back Button ADC3541 Datasheet HTML 23Page - Texas Instruments ADC3541 Datasheet HTML 24Page - Texas Instruments ADC3541 Datasheet HTML 25Page - Texas Instruments ADC3541 Datasheet HTML 26Page - Texas Instruments ADC3541 Datasheet HTML 27Page - Texas Instruments ADC3541 Datasheet HTML 28Page - Texas Instruments ADC3541 Datasheet HTML 29Page - Texas Instruments ADC3541 Datasheet HTML 30Page - Texas Instruments ADC3541 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 68 page
background image
7.3.4.1 Digital Filter Operation
The complex decimation operation is illustrated with an example in Figure 7-18. First the input signal (and the
negative image) are frequency shifted by the NCO frequency as shown on the left. Next a digital filter is applied
(centered around 0 Hz) and the output data rate is decimated - in this example the output data rate FS,OUT = FS/8
with a Nyquist zone of FS/16. During the complex mixing the spectrum (signal and noise) is split into real and
complex parts and thus the amplitude is reduced by 6-dB. In order to compensate this loss, there is a 6-dB
digital gain option in the decimation filter block that can be enabled via SPI write.
FS/2
-FS/2
Shifted Input
Signal (Alias)
Shifted Input Signal
Negative Image
Decimation
by 8
0
FS/2
-FS/2
Input Signal
(Alias)
Input Signal
Negative Image
FNCO
0
NCO Tuning Range
-FIN + FNCO
FIN + FNCO
FS/16
-FS/16
Figure 7-18. Complex decimation illustration
The real decimation operation is illustrated with an example in Figure 7-19. There is no frequency shift
happening and only the real portion of the complex digital filter is exercised. The output data rate is decimated -
a decimation of 8 would result in an output data rate FS,OUT = FS/8 with a Nyquist zone of FS/16.
During the real mixing the spectrum (signal and noise) amplitude is reduced by 3-dB. In order to compensate this
loss, there is a 3-dB digital gain option in the decimation filter block that can be enabled via SPI write.
FS/2
FS/4
FS/8
FS/16
FS/32
Decimation by 2
Decimation by 4
Decimation by 8
Decimation by
16
Decimation by
32
FS/64
Input Signal
Figure 7-19. Real decimation illustration
www.ti.com
ADC3541
SBAS840 – JULY 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: ADC3541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com