Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC3541 Datasheet(PDF) 55 Page - Texas Instruments

Click here to check the latest version.
Part # ADC3541
Description  ADC354x 14-bit, 10-MSPS to 65-MSPS, Low-noise, Ultra-low Power ADC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3541 Datasheet(HTML) 55 Page - Texas Instruments

Back Button ADC3541 Datasheet HTML 51Page - Texas Instruments ADC3541 Datasheet HTML 52Page - Texas Instruments ADC3541 Datasheet HTML 53Page - Texas Instruments ADC3541 Datasheet HTML 54Page - Texas Instruments ADC3541 Datasheet HTML 55Page - Texas Instruments ADC3541 Datasheet HTML 56Page - Texas Instruments ADC3541 Datasheet HTML 57Page - Texas Instruments ADC3541 Datasheet HTML 58Page - Texas Instruments ADC3541 Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 68 page
background image
Table 7-37. FCLK Pattern for different resolution based on interface
DECIMATION
OUTPUT RESOLUTION
2-WIRE
1-WIRE
REAL DECIMATION
14-bit
Use Default
0xFE000
16-bit
0xFF000
18-bit
0xFF800
COMPLEX DECIMATION
14-bit
0xFFFFF
16-bit
0xFFFFF
18-bit
0xFFFFF
Figure 7-59. Register 0x24
7
6
5
4
3
2
1
0
0
0
0
0
0
DIG BYP
DDC EN
0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
Table 7-38. Register 0x24 Field Descriptions
Bit
Field
Type
Reset
Description
7-3
0
R/W
0
Must write 0
2
DIG BYP
R/W
0
This bit needs to be set to enable digital features block which
includes decimation and scrambling.
0: Digital feature block bypassed - lowest latency
1: Data path includes digital features
1
DDC EN
R/W
0
Enables internal decimation filter
0: DDC disabled.
1: DDC enabled.
0
0
R/W
0
Must write 0
N
DECIMATION
DDC
DIG BYP
To output
interface
Scrambling
SCR EN
Figure 7-60. Register control for digital features
www.ti.com
ADC3541
SBAS840 – JULY 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
55
Product Folder Links: ADC3541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com