Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC3541 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # ADC3541
Description  ADC354x 14-bit, 10-MSPS to 65-MSPS, Low-noise, Ultra-low Power ADC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3541 Datasheet(HTML) 14 Page - Texas Instruments

Back Button ADC3541 Datasheet HTML 10Page - Texas Instruments ADC3541 Datasheet HTML 11Page - Texas Instruments ADC3541 Datasheet HTML 12Page - Texas Instruments ADC3541 Datasheet HTML 13Page - Texas Instruments ADC3541 Datasheet HTML 14Page - Texas Instruments ADC3541 Datasheet HTML 15Page - Texas Instruments ADC3541 Datasheet HTML 16Page - Texas Instruments ADC3541 Datasheet HTML 17Page - Texas Instruments ADC3541 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 68 page
background image
6.9 Typical Characteristics
Typical values at TA = 25 °C, ADC sampling rate = 65 MSPS, AIN = –1 dBFS differential input, AVDD = IOVDD =
1.8 V, 65k FFT, unless otherwise noted.
Input Frequency (MHz)
0
2.5
5
7.5
10
12.5
-140
-120
-100
-80
-60
-40
-20
0
D011
FS = 25 MSPS, AIN = -1 dBFS, SNR = 79.0 dBFS
Figure 6-1. Single Tone FFT at FIN = 1.1 MHz
Input Frequency (MHz)
0
1
2
3
4
5
-140
-120
-100
-80
-60
-40
-20
0
D017
FS = 10 MSPS, AIN = -1 dBFS, SNR = 79.0 dBFS
Figure 6-2. Single Tone FFT at FIN = 1.1 MHz
Code
0
2048
4096
6144
8192
10240 12288 14336 16384
-1
-0.75
-0.5
-0.25
0
0.25
0.5
0.75
1
D056
INT REF
EXT REF
FS = 25 MSPS, INT vs EXT Reference
Figure 6-3. INL vs Code
Code
0
2048
4096
6144
8192
10240 12288 14336 16384
-0.5
-0.25
0
0.25
0.5
D057
INT REF
EXT REF
FS = 25 MSPS, INT vs EXT Reference
Figure 6-4. DNL vs Code
ADC3541
SBAS840 – JULY 2020
www.ti.com
14
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: ADC3541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com